Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R05-3A Datasheet(PDF) 3 Page - Kemet Corporation

Part # FG-R05-3A
Description  Residual current sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R05-3A Datasheet(HTML) 3 Page - Kemet Corporation

  FG-R05-3A Datasheet HTML 1Page - Kemet Corporation FG-R05-3A Datasheet HTML 2Page - Kemet Corporation FG-R05-3A Datasheet HTML 3Page - Kemet Corporation FG-R05-3A Datasheet HTML 4Page - Kemet Corporation FG-R05-3A Datasheet HTML 5Page - Kemet Corporation FG-R05-3A Datasheet HTML 6Page - Kemet Corporation FG-R05-3A Datasheet HTML 7Page - Kemet Corporation FG-R05-3A Datasheet HTML 8Page - Kemet Corporation FG-R05-3A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Part
FG-R05-3A
ESA8111-179
page
3/11
4/6/2020
5.Absolute maximum ratings
5-1. Environmental characteristics
5-2. Electrical characteristics
Parameter
Min
Max
Units
Supply voltage
-0.3
6.0
V
Primary rated voltage
250
V
Maximum input voltage of digital output
Vdd+0.3
V
Maximum sink current of digital output
10
mA
Input voltage of TEST (LOW)
0
0.6
V
Input voltage of TEST (HIGH)
2.5
Vdd
V
6. Specifications
6-1. Electrical characteristics
Unless otherwise specified, each electrical operating condition is TA = 25°C, Vdd = 5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Comments
Primary nominal current
In
80/40
A
1phase/3phase
Supply voltage
Vdd
4.75
5.0
5.25
V
Current consumption
Ic
13
mA
Ip = 0mA
DC6mA detection current
Idn (DC)
3
4.5
6
mA
-40 to 85°C
AC30mA detection current
Idn (AC)
15
17.5
20
mA
-40 to 85°C, 55Hz
Frequency characteristic
of Idn(AC)
-2
-1
%
@45Hz/55Hz
+1
+2
%
@65Hz/55Hz
Recovery level
Idn/2
DC Fault response time
140
1000
ms
Ip = DC6mA
12
250
ms
Ip = DC60mA
3
15
ms
Ip = DC300mA
AC Fault response time
100
250
ms
Ip = AC30mArms
40
100
ms
Ip = AC60mArms
5
15
ms
Ip = AC150mArms
3
15
ms
Ip > AC 5Arms
Sensitivity (pin 3)
G
40
V/A
-40 to 85°C
Offset voltage (pin 3)
Vo
2.25
V
-40 to 85°C
Measurement range(pin 3)
Ip
-50
50
mA
Frequency range (pin 3)
fBW
DC
150
Hz
-3dB *Note1
* Parameter without Max or Min values are designed values, are not guaranteed values.
Note1: Please refer to Appendix 1 for frequency characteristics of Pin3.
Parameter
Min
Max
Units
Operating temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com