Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R05-3A Datasheet(PDF) 5 Page - Kemet Corporation

Part # FG-R05-3A
Description  Residual current sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R05-3A Datasheet(HTML) 5 Page - Kemet Corporation

  FG-R05-3A Datasheet HTML 1Page - Kemet Corporation FG-R05-3A Datasheet HTML 2Page - Kemet Corporation FG-R05-3A Datasheet HTML 3Page - Kemet Corporation FG-R05-3A Datasheet HTML 4Page - Kemet Corporation FG-R05-3A Datasheet HTML 5Page - Kemet Corporation FG-R05-3A Datasheet HTML 6Page - Kemet Corporation FG-R05-3A Datasheet HTML 7Page - Kemet Corporation FG-R05-3A Datasheet HTML 8Page - Kemet Corporation FG-R05-3A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Part
FG-R05-3A
ESA8111-179
page
5/11
4/6/2020
6-5. Frequency characteristics
*This characteristic is indicated only for reference, and are not guaranteed.
6-6. Digital Output state
DC Alarm
AC Alarm
State
GND
GND
Normal condition
High impedance
GND
Idn > 6mA(DC)
GND
High impedance
Idn > 20mA(AC)
High impedance
High impedance
Idn > 6mA(DC) &
Idn > 20mA(AC)
Other instructions:
Temperature of primary wire should not exceed 105°C.
The rise time of Vdd is 50us to 100 ms.
UL2231 Recognized component expected
1
10
100
10
100
Frequency [Hz]
AC20mA
CCID20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com