Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343CPTR Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3343CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343CPTR Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3343CPTR Datasheet HTML 24Page - Microchip Technology USB3343CPTR Datasheet HTML 25Page - Microchip Technology USB3343CPTR Datasheet HTML 26Page - Microchip Technology USB3343CPTR Datasheet HTML 27Page - Microchip Technology USB3343CPTR Datasheet HTML 28Page - Microchip Technology USB3343CPTR Datasheet HTML 29Page - Microchip Technology USB3343CPTR Datasheet HTML 30Page - Microchip Technology USB3343CPTR Datasheet HTML 31Page - Microchip Technology USB3343CPTR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
USB334x
DS00002646A-page 28
 2009-2018 Microchip Technology Inc.
5.4
Crystal Reference Support (USB3343 only)
The USB3343 provide support for a 26 MHz crystal to provide the reference frequency required by the device in place
of a clock oscillator. The crystal should be connected to the REFCLK/XI and XO pins as shown in Figure 8-2. If a 26 MHz
clock oscillator is used in place of a crystal, it should be driven into the REFCLK/XI pin, and the XO pin should be left
floating.
Proper care should be taken to ensure that a crystal is selected with appropriate power dissipation characteristics.
5.5
Integrated Low Jitter PLL
The USB334x uses an integrated low jitter phase locked loop (PLL) to provide a clean 480 MHz clock required for HS
USB signal quality. This clock is used by the PHY during both transmit and receive. The USB334x PLL requires an accu-
rate frequency reference to be driven on the REFCLK pin.
5.5.1
REFCLK FREQUENCY SELECTION
The USB334x PLL is designed to operate in one of two reference clock modes. In the first mode, the 60 MHz ULPI clock
is driven on the REFCLK pin. In the second mode a reference clock is driven on the REFCLK pin. The Link is driving
the ULPI clock, in the first mode, and this is referred to as ULPI Clock Input Mode. In the second mode, the USB334x
generates the ULPI clock, and this is referred to as ULPI Clock Output Mode.
During start-up, the USB334x monitors the CLKOUT pin. If a connection to VDD18 (USB3341, USB3346, and
USB3347) or VDDIO (USB3343) is detected, the USB334x is configured for a 60 MHz ULPI reference clock driven on
the REFCLK pin. Section 5.5.1.1, "ULPI Clock Input Mode (60 MHz REFCLK Mode)," on page 28 and Section 5.5.1.2,
"ULPI Clock Output Mode," on page 29 describe how to configure the USB334x for either ULPI Clock Input Mode or
ULPI Clock Output Mode.
5.5.1.1
ULPI Clock Input Mode (60 MHz REFCLK Mode)
When using ULPI Clock Input Mode, the Link must supply the 60 MHz ULPI clock to the USB334x. In this mode the
60 MHz ULPI Clock is connected to the REFCLK pin, and the CLKOUT pin is tied high to VDD18 (USB3341, USB3346,
and USB3347) or VDDIO(USB3343).
After the PLL has locked to the correct frequency, the USB334x will de-assert DIR and the Link can begin using the
ULPI interface. The USB334x will start the clock within the time specified in Table 4-3. For Host applications, the ULPI
AutoResume bit should be enabled. This is described in Section 6.4.1.4, "Host Resume K," on page 53.
FIGURE 5-3:
CONFIGURING THE USB334X FOR ULPI CLOCK INPUT MODE (60 MHZ)
CLKOUT
REFCLK
SMSC PHY
Clock
Source
To PLL
Link
ULPI Clk Out
Reference Clk In
VDD18/
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com