Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343CPTR Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3343CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343CPTR Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3343CPTR Datasheet HTML 32Page - Microchip Technology USB3343CPTR Datasheet HTML 33Page - Microchip Technology USB3343CPTR Datasheet HTML 34Page - Microchip Technology USB3343CPTR Datasheet HTML 35Page - Microchip Technology USB3343CPTR Datasheet HTML 36Page - Microchip Technology USB3343CPTR Datasheet HTML 37Page - Microchip Technology USB3343CPTR Datasheet HTML 38Page - Microchip Technology USB3343CPTR Datasheet HTML 39Page - Microchip Technology USB3343CPTR Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
USB334x
DS00002646A-page 36
2009-2018 Microchip Technology Inc.
The SessEnd Comparator is only used when configured as an OTG device. If the USB334x is used as a Host or Device
only the SessEnd Comparator should be disabled, using the method described above.
5.7.2.2
SessVld Comparator
The SessVld comparator is used when the PHY is configured as both an A and B device. When configured as an A
device, the SessVld is used to detect Session Request protocol (SRP). When configured as a B device, SessVld is used
to detect the presence of VBUS. The SessVld comparator output can also be read from the USB Interrupt Status regis-
ter. The SessVld comparator will also generate an RX CMD, as detailed in Section 6.3.1, "ULPI Receive Command (RX
CMD)," on page 48, anytime the comparator changes state. The SessVld interrupts can be disabled by clearing this bit
in both the USB Interrupt Enable Rising and USB Interrupt Enable Falling registers. When the interrupts are disabled,
the SessVld comparator is still operational and will generate RX CMD’s. The SessVld comparator trip point is detailed
in Table 4-9.
5.7.2.3
VbusVld Comparator
The VbusVld comparator is only used when the USB334x is configured as a host that can supply less than 100mA VBUS
current. In the USB protocol, the A-device supplies the VBUS voltage and is responsible to ensure it remains within a
specified voltage range. The VbusVld comparator can be disabled by clearing this bit in both the USB Interrupt Enable
Rising and USB Interrupt Enable Falling registers. When disabled, bit 1 of the USB Interrupt Status register will return
a 0. The VbusVld comparator threshold values are detailed in Table 4-9.
If the USB334x is used as a Device only the VbusValid Comparator should be disabled, using the method described
above.
The USB334x includes the external VbusVld indicator logic as detailed in the ULPI Specification. The external VbusVld
indicator is tied to a logic one. The decoding of this logic is shown in Table 5-5 below. By default this logic is disabled.
Note 5-5
A peripheral should not use VbusVld to begin operation. The peripheral should use SessVld to detect
the presence of VBUS on the USB connector. VbusVld should only be used for USB Host and OTG
A-device applications.
Note:
The OTG Supplement specifies a voltage range for A-Device Session Valid and B-Device Session Valid
comparator. The USB334x PHY combines the two comparators into one and uses the narrower threshold
range.
TABLE 5-5:
EXTERNAL VBUS INDICATOR LOGIC
Typical
Application
Use External
Vbus
Indicator
Indicator
Pass Thru
Indicator
Complement
RXCMD Vbus Valid
Encoding Source
OTG Device
0
X
X
Internal VbusVld comparator (Default)
1
1
0
Fixed 1
1
1
1
Fixed 0
1
0
0
Internal VbusVld comparator.
1
0
1
Fixed 0
Standard Host
1
1
0
Fixed 1
1
1
1
Fixed 0
Standard
Peripheral
0
X
X
Internal VbusVld comparator. This
information should not be used by the
Link. (Note 5-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com