Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343CPTR Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3343CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343CPTR Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3343CPTR Datasheet HTML 7Page - Microchip Technology USB3343CPTR Datasheet HTML 8Page - Microchip Technology USB3343CPTR Datasheet HTML 9Page - Microchip Technology USB3343CPTR Datasheet HTML 10Page - Microchip Technology USB3343CPTR Datasheet HTML 11Page - Microchip Technology USB3343CPTR Datasheet HTML 12Page - Microchip Technology USB3343CPTR Datasheet HTML 13Page - Microchip Technology USB3343CPTR Datasheet HTML 14Page - Microchip Technology USB3343CPTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
 2009-2018 Microchip Technology Inc.
DS00002646A-page 11
USB334x
6DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
7DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
8DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
9
VDDIO
Power
N/A
ULPI interface supply voltage. When RESETB is low
and VDDIO is powered on, ULPI pins will tri-state.
10
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
11
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
12
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is the MSB.
13
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
14
DM
I/O,
Analog
N/A
D- pin of the USB cable.
15
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR)
bypass capacitor to ground is required for regulator
stability. The bypass capacitor should be placed as
close as possible to the USB334x.
16
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
17
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol.
An external resistor, RVBUS, is required between this
pin and the USB connector.
18
ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
19
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an 8.06kΩ (±1%)
resistor to ground, placed as close as possible to the
USB334x. Nominal voltage during ULPI operation is
0.8V.
20
XO
Output,
CMOS
N/A
Crystal pin. If using an external clock on REFCLK /
XI, this pin should be floated.
21
REFCLK/XI
Input,
CMOS
N/A
ULPI Clock Out Mode:
Model-specific reference clock or XI (crystal in) pin.
See Product Identification System, Note 1.
ULPI Clock In Mode:
60MHz ULPI clock input.
TABLE 2-2:
USB3343 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com