Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3343CPTR Datasheet(PDF) 40 Page - Microchip Technology

Part # USB3343CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3343CPTR Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB3343CPTR Datasheet HTML 36Page - Microchip Technology USB3343CPTR Datasheet HTML 37Page - Microchip Technology USB3343CPTR Datasheet HTML 38Page - Microchip Technology USB3343CPTR Datasheet HTML 39Page - Microchip Technology USB3343CPTR Datasheet HTML 40Page - Microchip Technology USB3343CPTR Datasheet HTML 41Page - Microchip Technology USB3343CPTR Datasheet HTML 42Page - Microchip Technology USB3343CPTR Datasheet HTML 43Page - Microchip Technology USB3343CPTR Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
USB334x
DS00002646A-page 40
2009-2018 Microchip Technology Inc.
3.
Device enters Device Charger Detection mode.
If the VdatDet bit is 0 then the host is a Standard Downstream Port (SDP) and the device will draw the standard
500mA of current and enter the Device USB Operation mode.
If the VdatDet bit is 1 then the host is a charger that can supply at least 1.5A of current, the device will go to the
next mode.
4.
Device enters Device Enhanced Charger Detection mode.
If the VdatDet bit is 0 then the device is connected to a Charging Downstream Port (CDP) and the device will
enter the Device USB Operation mode.
If the VdatDet bit is 1 then the device is connected to a Dedicated Charging Port (DCP) and the device will not
try to enumerate.
5.
The charger detection is complete.
5.9.2
RESISTIVE CHARGER DETECTION
To support the detection and identification of different types of USB chargers the USB334x provides integrated pull-up
resistors, RCD, on both DP and DM. These pull-up resistors along with the single ended receivers can be used to deter-
mine the type of USB charger attached. Reference information on implementing charger detection is provided in
Section 8.2.
5.10
USB Audio Support (USB3341 and USB3346)
The USB334x provides two low resistance analog switches that allow analog audio to be multiplexed over the DP and
DM terminals of the USB connector. The audio switches are shown in . The electrical characteristics of the USB Audio
Switches are provided in Table 4-11.
During normal USB operation the switches are off. When USB Audio is desired the switches can be turned “on” by
enabling the SpkLeftEn, SpkRightEn, or MicEn bits in the Carkit Control register as described in Section 6.7.2, "USB
Audio Mode (USB3341 and USB3346)," on page 61. These bits are disabled by default.
The RESETB pin must be high when using the analog switches so that the VDD33 supply is present. If the VDD33 sup-
ply is applied externally and RESETB is held low the switches will be off.
In addition to USB Audio support the switches could also be used to multiplex a second Full Speed USB transceiver to
the USB connector. The signal quality will be degraded slightly due to the “on” resistance of the switches. The USB334x
single-ended receivers described in Section 5.2.1, "USB Transceiver," on page 25 are enabled while in synchronous
mode and are disabled when Carkit Mode is entered.
Note:
The Resistive Charger Detection has been superseded by the Active Analog Charger Detection (USB-IF
Battery Charging 1.2) detailed above. It is recommended that new designs use the Active Analog Charger
Detection (USB-IF Battery Charging 1.2).
TABLE 5-8:
USB WEAK PULL-UP ENABLE
RESETB
DP Pullup Enable
DM Pullup Enable
00
0
1
ChargerPullupEnableDP
ChargerPullupEnableDM
Note:
ChargerPullupEnableDP and ChargerPullupEnableDM are enabled in the USB IO & Power Management
register.
Note:
The USB334x supports “USB Digital Audio” through the USB protocol in ULPI and USB Serial modes
described in Section 6.0, "ULPI Operation," on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com