Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 5 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 28300
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 22-Sep-03
5
085 CS
Aluminum Capacitors
SMD (Chip) Standard
Vishay BCcomponents
CAPACITANCE (C)
020
40
20
40
60
80
0.4
0.6
0.8
1.0
100
1.2
T amb ( C)
o
C
0
C
1
2
3
1
2
3
Fig.8 Typical multiplier of capacitance as a function of ambient
temperature.
Curve 1: 6.3 V.
Curve 2: 25 V.
Curve 3: 63 V.
C0 = capacitance at 20 °C, 100 Hz.
10 4
10 3
10 2
10
f (Hz)
0.6
0.7
0.8
0.9
1.0
1.1
C
0
C
1
2
3
1
2
3
Fig.9 Typical multiplier of capacitance as a function of frequency.
Curve 1: 6.3 V.
Curve 2: 25 V.
Curve 3: 63 V.
C0 = capacitance at 20 °C, 100 Hz.
Tamb = 20 °C.
RIPPLE CURRENT AND USEFUL LIFE
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
Tamb (°C)
lifetime multiplier
(1)
IA
IR
CCC205
Fig.10 Multiplier of useful life as a function of ambient temperature and ripple current load.
IA = actual ripple current at 100 Hz.
IR = rated ripple current at 100 Hz, 85 °C.
(1) Useful life at 85 °C and IR applied: 1500 hours.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com