Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 1 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28300
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 22-Sep-03
1
085 CS
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Standard
FEATURES
Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version, rectangular case, insulated
• Miniaturized, high CV per unit volume, low height
• Flexible terminals, reflow and wave solderable
• Charge and discharge proof
Supplied in blister tape on reel.
APPLICATIONS
SMD technology, boards with restricted mounting height
• General applications, consumer electronics, low profile
and lightweight equipment
Decoupling, smoothing, filtering and buffering.
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF).
• Rated voltage code (see Table 1), the UR code letter
indicates the position of the decimal point in the
capacitance value.
• Name of manufacturer.
• ‘-’ sign indicating the cathode. The anode is identified by
bevelled edges.
Examples for CR; UR marking:
H22 represents 0.22µF; 63 V
2G2 represents 2.2 µF; 40 V
22C represents 22 µF; 6.3 V.
Table 1
RATED VOLTAGE MARKING CODE
UR (V)
6.3
10
16
25
40
63
Code letter
C
D
E
F
G
H
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L × W × H in mm)
8.8 × 3.7 × 3.9 and
11.9 × 3.7 × 3.9
Rated capacitance range, CR
0.47 to 22 µF
Tolerance on CR
10 to +50% or ±20%
Rated voltage range, UR
6.3 to 63 V
Category temperature range
40 to +85°C
Endurance test at 85 °C1000 hours
Useful life at 85 °C
1500 hours
Useful life at 40 °C;
1.4 × lR applied
40000 hours
Shelf life at 0 V, 85 °C
500 hours
Resistance to soldering
heat test
immersion in solder:
10 s at 260 °C or 20 s at 215 °C
Based on sectional
specification
IEC 60384-18/CECC 32300
Climatic category IEC 60068
40/085/56
085 CS
longer
life
139 CLL
Fig.1 Component outlines
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(µF)
UR (V)
6.3
10
16
25
40
63
0.47
-
-
-
-
-
8.8 × 3.7 × 3.9
1.0
-
-
-
-
-
8.8 × 3.7 × 3.9
2.2
-
-
-
-
8.8 × 3.7 × 3.9
11.9 × 3.7 × 3.9
3.3
-
-
-
8.8 × 3.7 × 3.9
-
11.9 × 3.7 × 3.9
4.7
-
-
8.8 × 3.7 × 3.9
-
11.9 × 3.7 × 3.9
-
6.8
-
8.8 × 3.7 × 3.9
-
11.9 × 3.7 × 3.9
-
-
10
8.8 × 3.7 × 3.9
-
11.9 × 3.7 × 3.9
-
-
-
15
-
11.9 × 3.7 × 3.9
-
-
-
-
22
11.9 × 3.7 × 3.9
-
-
-
-
-


Similar Part No. - 085CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
085CS VISHAY-085CS Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Standard
28-May-08
085CS VISHAY-085CS_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Standard
28-May-08
More results

Similar Description - 085CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
Aluminum Capacitors SMD (Chip), High Temperature
23-Jun-05
085CS VISHAY-085CS_08 Datasheet
112Kb / 8P
Aluminum Capacitors SMD (Chip) Standard
28-May-08
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
28-May-08
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
Aluminum Capacitors SMD (Chip), High Temperature
29-May-08
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
Aluminum Capacitors SMD (Chip), High Temperature
24-Oct-08
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
Aluminum Capacitors SMD (Chip), High Temperature
09-May-11
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
Aluminum Capacitors SMD (Chip) Long Life
11-Feb-13
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
Aluminum Capacitors SMD (Chip) Long Life Vertical
13-Mar-12
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
Aluminum Capacitors SMD (Chip), Very Low Z
23-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com