Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 4 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28300
4
Revision: 22-Sep-03
085 CS
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Standard
Note
1. Unless otherwise specified, all electrical values in Table 5 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75%.
ORDERING EXAMPLE
Electrolytic capacitor 085 series
10 µF/16 V; −10/+50%
Nominal case size: 11.9 × 3.7 × 3.9 mm; Form BR
Catalog number: 2222 085 25109.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
(tolerance −10 to +50% or ±20%)
IR
rated RMS ripple current at 100 Hz, 85 °C
IL5
max. leakage current after 5 minutes at UR
Tan δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
Table 5
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µ
µ
µ
µF)
NOMINAL
CASE SIZE
L ×
×
×
× W ×
×
×
× H
(mm)
IR
100 Hz
85 °°°°C
(mA)
IL5
5 min
(µ
µ
µ
µA)
Tan δδδ
δ
100 Hz
Z
10 kHz
(Ω
Ω
Ω
Ω)
CATALOG NUMBER 2222 085 .....
−
−
−
−10/+50%
±
±
±
±20%
BLISTER TAPE
ON REEL FORM BR
BLISTER TAPE
ON REEL FORM BR
6.3
10.0
8.8 × 3.7 × 3.9
11
3.1
0.30
20
23109
63109
22
11.9 × 3.7 × 3.9
20
3.3
0.30
9
23229
63229
10
6.8
8.8 × 3.7 × 3.9
10
3.1
0.25
24
24688
64688
15
11.9 × 3.7 × 3.9
18
3.3
0.25
11
24159
64159
16
4.7
8.8 × 3.7 × 3.9
9
3.2
0.20
26
25478
65478
10
11.9 × 3.7 × 3.9
16
3.3
0.20
12
25109
65109
25
3.3
8.8 × 3.7 × 3.9
8
3.2
0.18
27
26338
66338
6.8
11.9 × 3.7 × 3.9
14
3.3
0.18
13
26688
66688
40
2.2
8.8 × 3.7 × 3.9
7
3.2
0.16
32
27228
67228
4.7
11.9 × 3.7 × 3.9
13
3.4
0.16
15
27478
67478
63
0.47
8.8 × 3.7 × 3.9
4
3.1
0.10
120
28477
68477
1.0
8.8 × 3.7 × 3.9
6
3.1
0.12
55
28108
68108
2.2
11.9 × 3.7 × 3.9
11
3.3
0.14
25
28228
68228
3.3
11.9 × 3.7 × 3.9
13
3.4
0.14
17
28338
68338
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
Us ≤ 1.15 × UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
after 1 minute at UR
IL1 ≤ 0.02 CR × UR + 3 µA
after 5 minutes at UR
IL5 ≤ 0.002 CR × UR + 3 µA
Inductance
Equivalent series inductance (ESL)
nominal case size 8.8 × 3.7 × 3.9 mm
typ. 11 nH
nominal case size 11.9 × 3.7 × 3.9 mm
typ. 13 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan δmax and CR (see Table 5)
ESR = tan δ / 2πfCR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com