Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 6 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28300
6
Revision: 22-Sep-03
085 CS
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Standard
Table 6
Table 7
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 to 16 V
UR = 25 to 40 V
UR = 63 V
50
0.80
0.75
0.70
100
1.00
1.00
1.00
300
1.20
1.30
1.55
1000
1.35
1.55
1.90
3000
1.45
1.70
2.30
≥10000
1.50
1.80
2.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
shall be performed prior to tests
mentioned below;
method: reflow or (double-) wave
soldering;
for maximum temperature load refer to
chapter “Mounting”
∆C/C: ±10%
tan δ ≤ spec. limit
IL5 ≤ 2 × spec. limit
Endurance
IEC 60384-18/
CECC 32300,
subclause 4.15
Tamb = 85 °C; UR applied;
1000 hours
∆C/C: ±20%
tan δ ≤ 2 × spec. limit
Z ≤ 3 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
1500 hours
∆C/C: ±50%
tan δ ≤ 3 × spec. limit
Z ≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage: ≤ 3%
Shelf life
(storage at high
temperature)
IEC 60384-18/
CECC 32300,
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
after test: UR to be applied for
30 minutes, 24 to 48 hours before
measurement
∆C/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 × spec. limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com