Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES220-CS Datasheet(PDF) 4 Page - DFI Inc

Part # ES220-CS
Description  Compact Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220-CS Datasheet(HTML) 4 Page - DFI Inc

  ES220-CS Datasheet HTML 1Page - DFI Inc ES220-CS Datasheet HTML 2Page - DFI Inc ES220-CS Datasheet HTML 3Page - DFI Inc ES220-CS Datasheet HTML 4Page - DFI Inc ES220-CS Datasheet HTML 5Page - DFI Inc ES220-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
8th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core i7-8700T Processor (6C/12T; Max speed 4.0 GHz; TDP 35W)
Intel® Core i5-8500T Processor (6C/6T; Max speed 3.5GHz; TDP 35W)
Intel® Core i3-8100T Processor (4C/4T; Max speed 3.1GHz; TDP 35W)
Intel® Pentium G5400T Processor (2C/4T; Max speed 3.1GHz; TDP 35W)
Intel® Pentium G4900T Processor (2C/2T; Max speed 2.9GHz; TDP 35W)
9th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core i7-9700TE Processor (8C/8T; Max speed 3.6GHz; TDP 35W)
Intel® Core i5-9500TE Processor (6C/6T; Max speed 3.6GHz; TDP 35W)
Intel® Core i3-9100TE Processor (4C/4T; Max speed 3.2GHz; TDP 35W)
Chipset
Intel® C246/Q370/H310 Chipset
Memory
2 x 260-pin SODIMM up to 64GB
(ECC : C246 only)
Dual Channel DDR4 2666MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
2 x HDMI 2.0
HDMI: resolution up to 4096x2160 @ 60Hz
Dual Displays
2 x HDMI 2.0
STORAGE
Internal
2 x 2.5” SATA bay (optional)
support RAID 0/1
EXPANSION
Interface
1 x M.2 2280 M key (PCIe x4/SATA 3.0)
1 x M.2 2230 E key (PCIe x1/USB2.0), WiFi
ETHERNET
Controller
2 x Intel® I219/I210IT (10/100/1000Mbps) (Support Intel® iAMT)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 (type A)
Buttons
1 x Power Button
1 x Reset Button
Display
2 x HDMI
REAR I/O
Serial
2 x RS232/RS422/RS485 (DB9) or
1 x RS232/RS422/RS485 (DB9)(COM1) + 1 x 8bit DIO (DB9)
USB
2 x USB 2.0 (type A)
Wi-Fi Antenna
2 x Opening Antenna Hole
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM2.0 (option)
POWER
Type
12V DC-in jack lockable
External power brick
AC Power 100-250V, 50/60Hz
OS SUPPORT
Windows 10 IoT Enterprise 2019 LTSC + RS5
Windows 10 Professional
MECHANISM
Construction
Metal + Aluminum
Mounting
Wall mount
VESA mount 75x75/10x10cm (optional)
Dimensions
(W x H x D)
175 x 48.5 x 120mm (1 Storage: 1 x m.2 SSD)
175 x 73.5 x 120mm (3 Storage: 1 x m.2 SSD + 2x 2.5” SSD)
Weight
1.315 kg (1 Storage: 1 x m.2 SSD)
1.665 kg (3 Storage: 1 x m.2 SSD + 2 x 2.5” SSD)
COOLING
Fan
Active Fan
ENVIRONMENT
Operating Temperature -5° to 45° C
Storage Temperature
-20° to 60° C
Acoustic level
Full load 36dB @op. temp. 45° C
Full load 30dB @op. temp. 25° C
Idle Mode 26dB @op. temp. 45° C
Idle Mode 21dB @op. temp. 25° C
Relative Humidity
5 to 90% RH
STANDARDS AND
CERTIFICATIONS
Certification
FCC, CE Class B, ROHs, WEEE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com