Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES220-CS Datasheet(PDF) 1 Page - DFI Inc

Part # ES220-CS
Description  Compact Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220-CS Datasheet(HTML) 1 Page - DFI Inc

  ES220-CS Datasheet HTML 1Page - DFI Inc ES220-CS Datasheet HTML 2Page - DFI Inc ES220-CS Datasheet HTML 3Page - DFI Inc ES220-CS Datasheet HTML 4Page - DFI Inc ES220-CS Datasheet HTML 5Page - DFI Inc ES220-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8th/9th Gen Intel® CoreTM
Compact Embedded System
ES220-CS C246Q370
H310
KEY FEATURES
DDR4
2 x DDR4 SODIMM up to 64GB
Triple Storage
1 x M.2 SSD + 2 x 2.5" SSD (option)
Two HDMI 2.0 @60Hz
2 x HDMI 2.0 Supports 4K resolution @60Hz
Rich I/O
2 x Intel GbE, 4 x USB 3.1, 2 x USB 2.0, 2 x COM
RAID Support
RAID support NAS/Server application
PANEL
Power Button
USB 3.1
HDMI 2.0
Lan 1~2
USB 3.0
COM
ES220-CS (1 Storage)
Rear View
Front View
Status LED,
Reset Button
Opening Antenna Hole
ES220-CS (1 Storage)
ES220-CS (3 Storage)
Front View
Rear View
ES220-CS (3 Storage)


Similar Part No. - ES220-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
ES220F-CS DFI-ES220F-CS Datasheet
1Mb / 4P
8th/9th Gen Intel® CoreTM Compact Fanless Embedded System
More results

Similar Description - ES220-CS

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
Mobile Embedded System
logo
Advantech Co., Ltd.
ARK-6310 ADVANTECH-ARK-6310 Datasheet
712Kb / 3P
Fanless Mini-ITX Compact Embedded Computer System
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE Datasheet
502Kb / 2P
Ultra-compact Intel짰 Atom N270/AMD LX800 Embedded System
24-Mar-2009
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE_10 Datasheet
343Kb / 2P
Ultra-compact Intel짰 Atom??N270 Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
Embedded Fanless System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
Embedded System
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
Gaming Embedded System
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
Fanless Embedded System
EC900-FS6 DFI-EC900-FS6 Datasheet
721Kb / 4P
Fanless Embedded System
EC700-BT6051 DFI-EC700-BT6051 Datasheet
1Mb / 4P
Fanless Embedded System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com