Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES220-CS Datasheet(PDF) 6 Page - DFI Inc

Part # ES220-CS
Description  Compact Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220-CS Datasheet(HTML) 6 Page - DFI Inc

  ES220-CS Datasheet HTML 1Page - DFI Inc ES220-CS Datasheet HTML 2Page - DFI Inc ES220-CS Datasheet HTML 3Page - DFI Inc ES220-CS Datasheet HTML 4Page - DFI Inc ES220-CS Datasheet HTML 5Page - DFI Inc ES220-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.dfi.com
1 ES220-CS system unit with wallmount
Adapter 12V 60W (option)
Power Cord 1830mm (option)
VESA mounting kit (option)
PACKING LIST
Optional Items
Part Number
Description
VESA MOUNT
TBD
1x VESA mount bracket for ES220-CS, SGCC 1.2T, Black coating
6x Screw P/W #6-32 L=6mm OD=6.6mm Zn coating
4x M.4*10mm w/spring washer
M.2 SSD
638-703218-100G
32GB, M.2 2280 SSD, SATA3 B+M Key, MLC
TBD
64GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-712811-100G
128GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-725615-100G
256GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-712818-100G
128GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-725614-100G
256GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-751205-100G
512GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-701T01-100G
1TB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-712816-110G
128GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
638-725608-100G
256GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
TBD
512GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
TBD
1TB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
2.5” SSD
635-600322-1A0G
32GB, 2.5" SSD, SATA3, MLC
635-600644-100G
64GB, 2.5" SSD, SATA3, MLC
635-601282-1E0G
128GB, 2.5" SSD, SATA3, MLC
635-602562-121G
256GB, 2.5" SSD, SATA3, MLC
635-605122-130G
512GB, 2.5" SSD, SATA3, MLC
635-601286-110G
128GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-602566-150G
256GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-605126-140G
512GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-610006-110G
1TB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 17, 2020 DFI Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com