Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES220-CS Datasheet(PDF) 5 Page - DFI Inc

Part # ES220-CS
Description  Compact Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220-CS Datasheet(HTML) 5 Page - DFI Inc

  ES220-CS Datasheet HTML 1Page - DFI Inc ES220-CS Datasheet HTML 2Page - DFI Inc ES220-CS Datasheet HTML 3Page - DFI Inc ES220-CS Datasheet HTML 4Page - DFI Inc ES220-CS Datasheet HTML 5Page - DFI Inc ES220-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.dfi.com
ORDERING INFORMATION
Model Name
Part Number
Description
ES220-CS
750-ES2200-000G
ES220-CS, CS251-H310, 2HDMI, 2LAN, 2COM, F/G SYSTEM, RoHS
ES220-CS
750-ES2200-100G
ES220-CS, CS251-Q370, 2HDMI, 2LAN, 2COM, F/G SYSTEM, RoHS
ES220-CS
750-ES2200-200G
ES220-CS, CS251-C246, 2HDMI, 2LAN, 2COM, F/G SYSTEM, RoHS
ES220-CS
750-ES2200-300G
ES220-CS, CS251-H310, 2HDMI, 2LAN, 2OM, 2x 2.5”bay, F/G SYSTEM, RoHS
ES220-CS
750-ES2200-400G
ES220-CS, CS251-Q370, 2HDMI, 2LAN, 2COM, 2x 2.5”bay, F/G SYSTEM, RoHS
ES220-CS
750-ES2200-500G
ES220-CS, CS251-C246, 2HDMI, 2LAN, 2COM, 2x 2.5”bay, F/G SYSTEM, RoHS
Optional Items
Part Number
Description
CPU
143-101805-500G
i7-9700TE, 1.8GHz to 3.8GHz, 8C8T, 12M cache, TDP 35W
143-10220G-500G
i5-9500TE, 2.2GHz to 3.6GHz, 6C6T, 9M cache, TDP 35W
143-10220E-500G
i3-9100TE, 2.2GHz to 3.2GHz, 4C4T, 6M cache, TDP 35W
143-10240A-500G
i7-8700T, 2.4GHz to 4GHz, 6C12T, 12M cache, TDP 35W
143-102104-501G
i5-8500T, 2.1GHz to 3.5GHz, 6C6T, 9M cache, TDP 35W
143-103105-500G
i3-8100T, 3.1GHz, 4C4T, 6M cache, TDP 35W
143-103103-500G
G5400T, 3.1GHz, 2C4T, 4M cache, TDP 35W
143-112900-500G
G4900T, 2.9GHz, 2C4T, 2M cache, TDP 35W
Memory
138-540002-106G
4GB DDR4 2666Mhz SO-DIMM 1Rx8 512Mx8 CL19 1.2V
138-580004-102G
8GB DDR4 2666Mhz SO-DIMM 1Rx8 1Gx8 CL19 1.2V
138-5G0163-102G
16GB DDR4 2666Mhz SO-DIMM 2Rx8 1Gx8 CL19 1.2V
TBD
32GB DDR4 2666Mhz SO-DIMM 2Rx8 1Gx8 CL19 1.2V
138-540002-107G
4GB DDR4 2666Mhz ECC-SO-DIMM 1Rx8 512Mx8 CL19 1.2V (C246 only)
138-580004-103G
8GB DDR4 2666Mhz ECC-SO-DIMM 1Rx8 1Gx8 CL19 1.2V (C246 only)
TBD
16GB DDR4 2666Mhz ECC-SO-DIMM 1Rx8 1Gx8 CL19 1.2V (C246 only)
TBD
32GB DDR4 2666Mhz ECC-SO-DIMM 1Rx8 1Gx8 CL19 1.2V (C246 only)
OS
921-151310-000G
Win10 IoT Ent 2019 LTSC MultiLang High End EPKEA
921-151320-000G
Win10 IoT Ent 2019 LTSC MultiLang High End PKEA
921-151340-000G
Win10 IoT Ent 2019 LTSC MultiLang High Value EPKEA
921-151330-000G
Win10 IoT Ent 2019 LTSC MultiLang High Value PKEA
642-000W10-000G
Win Pro 10 64Bit English 1pk DSP OEI DVD version 1809
Adapter
671-110006-100G
Power Adapter AC/DC 100W 12V, inlet C14
TBD
Power Adapter AC/DC 160W 12V, inlet C14
Power Cord
332-700010-201G
Power Cord US 3pin 1830mm Length
A81-004003-000G
Power Cord EU 2pin 1830mm Length
A81-000001-000G
Power Cord China 3pin 1830mm Length
332-054034-005G
Power Cord Japan 3pin 1830mm Length, with PSE logo label on cable (for worldwide)
A81-004056-000G
Power Cord Japan 3pin 2000mm Length, with PSE logo mark on inlet plug (for Japan)
A81-004031-007G
DC Cord UL 1185 5.5*2.5*9.5mm with Nut to stripped and tinned; L1000mm
M.2 WIFI
761-OPS150-001G
1x intel M.2 2230 AC 3168.NGWG 802.11abgn/ac 1T1R + Bluetooth 4.2,
2x MHF4 to SMA cable 200mm
2x dipole antenna
1x M2x4mm screw
TBD
1x Intel® Wireless-AC 9260, 2230, 2x2 AC+BT, Gigabit No vPRO
2x MHF4 to SMA cable 200mm
2x dipole antenna
1x M2x4mm screw
OPTIONAL ITEMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com