Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-EU-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # IS401U-EU-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-EU-R Datasheet(HTML) 3 Page - Silicom Ltd.

  IS401U-EU-R Datasheet HTML 1Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 2Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 3Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 4Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 5Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 6Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 7Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 8Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 3
•
Supports SNMP version 1, 2c, 3 (SHA, AES)
•
Supports remote log
•
Supports TACACS+
•
Support RADIUS
•
Supports NTP
•
Supports time zone
•
Supports multi configuration backup
•
Support Two ports link feature
– if one of the network ports link fails it will drop the link on the other network port as well
•
Two redundant power supplies
•
Optional -48V DC power supplies
IS40M40G4BP-QS4
•
Supports Short Range Fiber 40 Gigabit Ethernet (40GBase-SR4 50um)
IS40M40G4BP-QB4
•
• Supports Short Range Fiber 40 Gigabit Ethernet (40GBase-SR BiDi)
IS40M40G4BP-QL4
•
Supports Long Reach Fiber 40 Gigabit Ethernet (40GBase-LR4)
IS40M108BP-SRD
•
Supports Short Range Fiber 10 Gigabit Ethernet (10GBase-SR)
•
Supports Short Range Fiber Gigabit Ethernet (1000Base-SX)
IS40M108BP-LRD
•
Supports Long Reach Fiber 10 Gigabit Ethernet (10GBase-LR)
•
Supports Long Range Fiber Gigabit Ethernet (1000Base-LX)
Technical Specifications
Bypass Specifications
WDT Interval (Software
Programmable):
Routing
Transmit heart beat packet every 3mS
– 10Sec. Default 5mS
Verification packets received every 10mS
– 50Sec. Default 20mSec
Double Bypass
Transmit heart beat packet every 300mS
– 60Sec. Default 7Sec
Verification packets received every 1S
– 253Sec. Default 20Sec
Production Default configuration
Mode at Power up:
Bypass
Heartbeat:
Activated
Bypass Switch is ready and in-
line device responds to
heartbeat:
Change to Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com