Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-EU-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # IS401U-EU-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-EU-R Datasheet(HTML) 1 Page - Silicom Ltd.

  IS401U-EU-R Datasheet HTML 1Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 2Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 3Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 4Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 5Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 6Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 7Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 8Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 1
IS40 Bypass Switch
Silicom 40G/10G Intelligent Bypass Switch
Product Description
Silicom 40G Intelligent Bypass switch (IS40) is
Silicom second generation of an active external
Bypass switch that protects network integrity from
network failures and network maintenance. The
Silicom intelligent Bypass switch (IS40) is a self-
generating heartbeat and controls the network switch mode of operation.
The Silicom IS401U is a 1U host system which supports up to three modules. The 1U host system can support mix of 40G Bypass
module and dual rate 10G/1G Bypass modules. A 40G module supports one Bypass segment per module. A dual rate 10G/1G
Bypass module supports two Bypass segment in a module.
The Silicom IS40 supports 40 Gigabit Ethernet Multimode Fiber (40GBase-SR4) and 40 Gigabit Single mode fiber (40GBase-LR4)
network standards. Each 40G Bypass module includes two MPO / LC ports for network ports, and two QSFP+ ports for the
attached in-line network system.
The Silicom IS40 supports dual rate 10/1 Gigabit Ethernet Multimode Fiber (10GBase-SR , 1000Base-SX) and 10/1 Gigabit Single
mode fiber (10GBase-LR, 1000Base-LX) network standards. Each 10G Bypass module Network includes four LC Duplex Monitor
ports and four SFP+ ports for the attached in-line network system.
The Silicom Intelligent Bypass switch (IS40) supports three modes of operations: Inline, Bypass, Tap and Linkdrop. In Inline mode,
the IS40 diverts inline network traffic to attached in-line network system. In Bypass mode, the IS40 does not divert the traffic to the
attached in-line network system and diverts it to other network link. In Tap mode, incoming traffic in port NET0 is mirrored to port
MON0 and incoming traffic in port NET1 is mirrored to port MON1.In Linkdrop mode the IS40 disables the links on the network
ports (NET0, NET1). The IS40 simulates switch / router cable disconnection.
The IS40 generates the heartbeat packets and transmits the heartbeat packet to the in-line Monitor / Network appliance port, the
Monitor Network appliance receives the heartbeat packets and transmits is to its other port (bridges the heartbeat packet). The
IBS40 detects back the heartbeat packet and maintains the Inline mode.
The IS40 sets to Bypass, Tap or Linkdrop when it does not receive back the heartbeat packet from the Network / Monitor appliance.
When the Network / Monitor appliance recovers, it transmits back the heartbeat packet and the Intelligent switch sets to Inline. The
IS40 bypasses its Ethernet Monitor ports on event of power failure, Link failure, in-line software application system hang or user
request.
The IS40 includes Double Bypass Safe architecture. The Silicom Double Bypass safe architecture is based on two Bypass routing
circuitry: An Active Bypass circuitry and Passive Bypass circuitry. If the internal active bypass routing circuitry fails, the passive


Similar Part No. - IS401U-EU-R

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
IS4000-16PS FLEXTRAL-IS4000-16PS Datasheet
865Kb / 1P
VF340/IS4000 FURY 4000/Supremeflex
V04.21
IS4000-20PS FLEXTRAL-IS4000-20PS Datasheet
865Kb / 1P
VF340/IS4000 FURY 4000/Supremeflex
V04.21
More results

Similar Description - IS401U-EU-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE3237 STMICROELECTRONICS-TDE3237 Datasheet
153Kb / 7P
INTELLIGENT POWER SWITCH
Nov-1991
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
Amplifier with Bypass Switch
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
logo
Silicom Ltd.
IBSG SILICOM-IBSG Datasheet
450Kb / 10P
Intelligent 1G Bypass Switch
IBSGP-T SILICOM-IBSGP-T Datasheet
448Kb / 6P
Gigabit Copper Intelligent Bypass Switch
IS100 SILICOM-IS100 Datasheet
519Kb / 10P
Silicom 100G Intelligent Bypass Switch
NA226402 SILICOM-NA226402 Datasheet
446Kb / 3P
Silicom Hybrid Networking Application Switch
NA226401 SILICOM-NA226401 Datasheet
355Kb / 3P
Silicom Hybrid Networking Application Switch
NA226400 SILICOM-NA226400 Datasheet
377Kb / 3P
Silicom Hybrid Networking Application Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com