Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-EU-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # IS401U-EU-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-EU-R Datasheet(HTML) 2 Page - Silicom Ltd.

  IS401U-EU-R Datasheet HTML 1Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 2Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 3Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 4Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 5Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 6Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 7Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 8Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 2
Bypass routing circuitry is activated.
The IS40 can be configured using:
•
Simple CLI configuration management via a serial communication console port, Ethernet port using Telnet or SSH.
•
Web interface management interface.
•
SNMP
The Silicom IS40 Bypass switch includes centralized management to all Bypass segments in the box.
The IS40G includes two redundant 90
– 240 V AC power supply or two redundant -48 DC power supply.
Figure: 1
– Front panel view of IS40
2X10 Gigabit Bypass Modules and 1X40 Gigabit Module
Key Features
•
Self generating heartbeat pulses
– No driver or management port is required to generate pulses
•
Sets to Bypass when it detects in-line system failure
•
Sets to Bypass when it detects in-line system link failure
•
Sets to Bypass when it detects in-line software application system hang
•
Sets to Bypass on Power failure
•
Sets to Normal when it detects in-line system recovery
•
Double Safe Bypass architecture with two routing circuitries
•
Centralized managements
•
Two on Board Watch Dog Timer (WDT) Controllers
•
Software programmable time out interval
•
Software Programmable WDT Enable / Disable
•
Independent Bypass / Normal / Tap operation in every module
•
Supports up to three 40G Bypass segment in a 1U chassis
•
Supports TAP mode of operation
•
Simple CLI configuration management via serial port
•
Telnet management interface via network management port
•
SSH management interface via network management port



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com