Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS401U-EU-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # IS401U-EU-R
Description  Silicom 40G/10G Intelligent Bypass Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

IS401U-EU-R Datasheet(HTML) 4 Page - Silicom Ltd.

  IS401U-EU-R Datasheet HTML 1Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 2Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 3Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 4Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 5Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 6Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 7Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 8Page - Silicom Ltd. IS401U-EU-R Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Silicom Ltd. Connectivity Solutions
Page 4
In-line device responds to
heartbeat:
Normal
In-line device does not
respond heartbeat:
Bypass
Mode at Power 0ff:
Bypass
Heartbeat Packet:
Internetwork Packet Exchange
IS401U: Bypass Switch 1U Host System Technical Specifications
Dockings:
Front holders
Voltage Input:
AC: 90-240 VAC Auto-Select
-48 (-75
– -36) VDC
Power Consumption:
180W
Size:
438mm x 586 mm x 44 mm ( 17.24” x 23.07” x 1.73”)
Wide x Depth X Height
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 40°C (32°F – 104°F)
Storage Temperature:
-20°C
–65°C (-4°F–149°F)
Fans
4 hot swap Fans
4 wires connections on each fan (12V,GND,TACH and PWM)
Specifications (maximum operation condition) of one Fan
SPL- 61dB(A)
Current
– 0.92A
Air flow
– 28.6 CFM
EMC Certifications:
Class A FCC / CE / BSMI
Safety:
CB / UL
MTBF*:
48 years
According to Telcordia SR-332 issue 3, environment GB, temperature 40 °C
IS401U: Bypass Switch 1U Host System LEDs Specifications
LEDs:
FRONT
Two Power LEDs: PS1, PS2
PS1: Green LED will light when power is on and off if there is a failer in power supply module or
when extracrting the power supply module from the system.
PS2: Green LED will light when power is on and off if there is a failer in power supply module or
when extracrting the power supply module from the system.
System Status LEDs: 3 LEDs
Sys OK: System Normal Operation
– Light Green.
Who I’m: in rack identification – Blinking Green.
Sys UP: System Init during power up and during shutdown
– Light Yellow.
ALM: System Alarm
– Light Red.
Module Power LEDs:
1. M1: module1 power on
– Light Green. M2: module2 power on – Light Green.
2. M3: module3 power on
– Light Green.
BACK
One bi-color LED indication that integrated on each power supply module:
Power Switch On
– Geern color.
Standby(AC/DC In,Only +5VSB output)
– Blinking Green color.
Power Fail
– Red color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com