Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 32 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 28Page - Microchip Technology MGC3030 Datasheet HTML 29Page - Microchip Technology MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Figure 7-3. I2C Master Write Bit Timing Diagram
3
1
2
4
5
6
7
8
9
3
1
2
4
5
6
7
8
9
3
1
2
4
5
6
7
8
9
A7
A6
A5
A4
A3
A2
A1
0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Address
R/W
ACK
ACK
ACK
Data
Data
Address Bits Latched in
Data Bits Valid Out
Data Bits Valid Out
SCL may be stretched
SCL may be stretched
S
P
Start Bit
Stop Bit
SDA
SCL
•
Address bits are latched into the MGC3140 on the rising edges of SCL.
•
Data bits are latched into the MGC3140 on the rising edges of SCL.
•
ACK bit:
–
MGC3140 presents the ACK bit on the ninth clock for address acknowledgment
–
I2C master presents the ACK bit on the ninth clock for data acknowledgment
•
The master must monitor the SCL pin prior to asserting another clock pulse, as the MGC3140 may
be holding off the master by stretching the clock.
I2C Communication Steps
1.
SCL and SDA lines are Idle high.
2.
I2C master presents Start bit to the MGC3140 by taking SDA high-to-low, followed by taking SCL
high-to-low.
3.
I2C master presents 7-bit address, followed by a R/W = 0 (Write mode) bit to the MGC3140 on
SDA, at the rising edge of eight master clock (SCL) cycles.
4.
MGC3140 compares the received address to its Device ID. If they match, the MGC3140
acknowledges (ACK) the I2C master sent address by presenting a low on SDA, followed by a low-
high-low on SCL.
5.
I2C master monitors SCL, as the MGC3140 may be clock stretching, holding SCL low to indicate
the I2C master should wait.
6.
I2C master presents eight data bits (MSB first) to the MGC3140 on SDA, at the rising edge of eight
master clock (SCL) cycles.
7.
MGC3140 acknowledges (ACK) receipt of the eight data bits by presenting a low on SDA, followed
by a low-high-low on SCL.
8.
If data transfer is not complete, then go to Step 5.
9.
Master presents a Stop bit to the MGC3140 by taking SCL low-high, followed by taking SDA low-to-
high.
Important:  The Stop condition after an I2C data transmission is generated by the host
controller (I2C master) after the data transfer is completed. Thus, it is recommended to verify the
number of bytes to be read in the message header (Size field).
7.3
Gesture Port
The MGC3140 provides five output pins which can be used to indicate gesture events. These pins are
controlled by GestIC Library to signal that an event occurred. The host does not need to monitor the I2C
bus to get GestIC Library events, but only has to monitor the Gesture Port pins. This feature can be used
in parallel to I2C communication.
MGC3140
Interface Description
© 2018 Microchip Technology Inc.
DS40002037A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com