Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 16 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 12Page - Microchip Technology MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
–
An Approach scan is performed during the scan phase of the device’s Self Wake-up mode.
Typically, one Rx channel is active but more channels can be activated via the GestIC Library.
The time interval (scan interval) between two consecutive Approach scans is configurable.
For typical applications, the scan cycle is in a range of 20 ms to 150 ms. During the Approach
scan, the activated Rx channels are monitored for signal changes which are caused by, for
example, an approaching human hand and exceeding the defined threshold. This allows an
autonomous wake-up of the MGC3140 and host applications at very low-power consumption.
•
AFA Scan
–
During Wake-up-on-Approach, periodic Automatic Frequency Adaptation (AFA) scans are
performed. During this scan, the environmental noise is measured and a new Tx frequency
will be selected from the five preset frequencies available, if necessary. The AFA scan is
usually performed in configurable intervals from 120s to 600s (120s typical). The timing
sequence of the Approach Detection feature is illustrated below:
Figure 4-7. Approach Detection Sequence
C u rre n t
tim e
Perio d ic A p p ro ach Scan s
A FA S ca n
Perio d ic A p pro ach Scan s
A FA S c a n
Period ic A p p ro ach Scans
A FA S c an
Perio d ic A p p ro ach Scan s
20 m s-150 m s
2s-10 s
ISLEEP = 62 µA
I5CHSCA N = 29 m A
I5CHSCA N
: Scan Phase w ith 5 active RX channels: Calibration Scan
ISLEEP
:
Sleep Phase
120 s -600 s
N on -user ac tivity tim eout
2s- 255 s
Related Links
6.4.3 Wake-up-on-Approach Mode
MGC3140
Feature Description
© 2018 Microchip Technology Inc.
DS40002037A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com