Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 34 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology MGC3030 Datasheet HTML 37Page - Microchip Technology MGC3030 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
8.
Application Architecture
The standard MGC3140 application architecture consists of a MGC3140 controller connected to external
electrodes and an application host. For further information on the electrode design, refer to “GestIC
Design Guide” (DS40001716). Details on the I2C interface can be found in “MGC3140 - GestIC Library
Interface Description User’s Guide” (DS40001875).
8.1
ESD Considerations
The MGC3140 provides Electrostatic Discharge (ESD) voltage protection up to 4 kV (HBM) and Charge
Device Model (CDM) 750V on corner pins; 500V on all other pins. Additional ESD countermeasures may
be implemented individually to meet application-specific requirements.
8.2
Power Noise Considerations
MGC3140 filtering capacitors are included in the reference design schematic.
8.3
High-Frequency Noise Immunity
In order to suppress irradiated high-frequency signals, the five Rx channels of the chip are connected to
the electrodes via serial 10 kΩ resistors, as close as possible to MGC3140. The 10 kΩ resistor and the
MGC3140 input capacitance are building a low-pass filter with a corner frequency of 3 MHz. An additional
ferrite bead is recommended to suppress the coupling of RF noise to the Tx channel (e.g., 600Ω at 100
MHz).
8.4
RF Emission
The Tx pins are used to shape the Tx signal and reduce emission in relevant frequency bands. The slope
of the Tx signal is randomized using dithering techniques while the sampling point is kept constant for
further reduction of emission. In addition, a RC network on the Tx output will reduce the emission even
further. For further support on reduction of RF emission, contact your local Microchip representative.
MGC3140
Application Architecture
© 2018 Microchip Technology Inc.
DS40002037A-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com