Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 7 Page - Microchip Technology

Part # MGC3030
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 3Page - Microchip Technology MGC3030 Datasheet HTML 4Page - Microchip Technology MGC3030 Datasheet HTML 5Page - Microchip Technology MGC3030 Datasheet HTML 6Page - Microchip Technology MGC3030 Datasheet HTML 7Page - Microchip Technology MGC3030 Datasheet HTML 8Page - Microchip Technology MGC3030 Datasheet HTML 9Page - Microchip Technology MGC3030 Datasheet HTML 10Page - Microchip Technology MGC3030 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
2.
48-Pin Allocation and Pinout Description Table
Pin Name Pin Number Pin Type Buffer Type
Description
GP5
1
O
—
Gesture Port 5.
SYNC
2
O
—
Gesture device synchronization pulse (every 1 ms).
DNC
3
—
—
not connected
RX1
4
I
Analog
Analog GestIC
® input channel 1:
Receive electrode connection.
DNC
5
—
—
not connected
DNC
6
—
—
not connected
MCLR
7
I
—
Master Clear (Reset) input.
This pin is an active-low Reset to the device.
VSS
8
P
—
Ground reference for logic and I/O pins.
This pin must be connected at all times.
VDD
9
P
—
Positive supply for peripheral logic and I/O pins.
IS1
10
I
ST
Interface Selection Pin 1
IS2
11
I
ST
Interface Selection Pin 2
RX2
12
I
Analog
Analog GestIC
® input channel 2:
Receive electrode connection.
DNC
13
—
—
not connected
DNC
14
—
—
not connected
AVDD
15
P
—
Positive supply for analog modules.
This pin must be connected at all times.
VSS
16
P
—
Ground reference for analog modules.
VANA
17
P
—
Positive supply for analog front end.
DNC
18
—
—
not connected
RX3
19
I
Analog
Analog GestIC
® input channel 3:
Receive electrode connection.
DNC
20
—
—
not connected
DNC
21
—
—
not connected
RX4
22
I
Analog
Analog GestIC
® input channel 4:
Receive electrode connection.
DNC
23
—
—
not connected
TX0
24
O
—
GestIC
® Transmit electrode connection 0.
TX1
25
O
—
GestIC
® Transmit electrode connection 1.
TX2
26
O
—
GestIC
® Transmit electrode connection 2.
TX3
27
O
—
GestIC
® Transmit electrode connection 3.
TX4
28
O
—
GestIC
® Transmit electrode connection 4.
SDA
29
I/O
ST
Synchronous serial data input/output for I2C.
SCL
30
I/O
ST
Synchronous serial clock input/output for I2C.
MGC3140
48-Pin Allocation and Pinout Description Table
© 2018 Microchip Technology Inc.
DS40002037A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com