Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMBA0ES Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 2 Page - NXP Semiconductors

  MPF5023AMBA0ES Datasheet HTML 1Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
2 / 91
3 Simplified application diagram
3
aaa--032234
V1P5D
VIN
V1P5A
SW1FB
SW1LX
SW2FB
SW2LX
SW3FB
SW3LX
PGOOD
VDDIO
PGOODx
VDDIO
3
INTB
AGND
EP
VDDIO
SDA
TBBEN
VDDIO
XFAILB
V1P5A
RESETBMCU
VDDIO
PF5023
SW1IN
VPRE
SW2IN
SW3IN
VDDOTP
VDDIO
PWRON
STANDBY
ENx
WDI
SCL
VDDIO
SYNC
Figure 1. Simplified application diagram
4 Ordering information
Table 1. Ordering information
Package
Type number [1]
Name
Description
Version
MPF5023AMBA0ES [2]
MPF5023AMMA0ES [3]
Plastic thermal enhanced very thin quad flat pack; no leads, wettable
flank, 40 terminals, 0.5 mm pitch, 6 mm x 6 mm x 0.85 mm body
Temperature grade: 125 ℃
MPF5023AVNA0ES [4]
HVQFN40
Plastic thermal enhanced very thin quad flat pack; no leads, wettable
flank, 40 terminals, 0.5 mm pitch, 6 mm x 6 mm x 0.85 mm body
Temperature grade: 105 ℃
SOT618-14
[1]
To order parts in tape and reel, add the R2 suffix to the part number.
[2]
Automotive part, Safety grade: ASIL B
[3]
Automotive part, Safety grade: QM
[4]
Industrial part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com