Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMBA0ES Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
32 / 91
If the faulty condition is not cleared within the 2.0 ms timer, the power up sequence
is aborted and the PF5023 turns off all voltage regulators enabled so far as shown in
Figure 16.
aaa-032240
Reg Power down
2 ms (max)
Recovery
RESETBMCU
PGOOD3
PGOOD2
SW3
SW2
PGOOD1
SW1
PGOOD
(optional)
Figure 16. Power up sequencer aborted as fault persists for longer than 2.0 ms
Supplies enabled after RESETBMCU are checked for OV, UV and ILIM faults after each
of them are enabled. If an OV, UV or ILIM condition is present, the PF5023 starts a fault
detection and protection mechanism as described in Section 14.7 "Fault detection". At
this point, the MCU should be able to read the interrupt and react upon a fault event as
defined by the system.
If a regulator fault occurs after RESETBMCU is de-asserted but before the power
up sequence is finalized, the power up sequences continue to turn on the remaining
regulators as configured, even if a fault detection mechanism is active on an earlier
regulator.
14.8 Interrupt management
The MCU is notified of any interrupt through the INTB pin and various interrupt registers.
The interrupt registers are composed by three types of bits to help manage all the
interrupt requests in the PF5023:
• The interrupt latch XXXX_I: this bit is set when the corresponding interrupt event
occurs. It can be read at any time, and is cleared by writing a 1 to the bit.
• The mask bit XXXX_M: this bit controls whether a given interrupt latch pulls the INTB
pin low or not.
• When the mask bit is 1, the interrupt latch does not control the INTB pin.
• When the mask bit is 0, the INTB pin is pulled low as long as the corresponding latch
bit is set.
• The sense bit XXXX_S: if available, the sense bit provides the actual status of the
signal triggering the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com