Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMBA0ES Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
45 / 91
Register
Bit
Description
CTRL1
WDI_MODE
Writing a 0 set the WDI event to soft WD reset
Writing a 1 set the WDI event to hard WD reset
CTRL1
VIN_OVLO_SDWN
Writing a 0 disables a shutdown event upon a VIN
overvoltage condition (only interrupts are provided)
CTRL1
WD_EN
Writing a 0 disables the watchdog counter block
CTRL1
WD_STBY_EN
Writing a 0 disables the watchdog counter during the
standby mode
CTRL1
WDI_STBY_ACTIVE
Writing a 0 disables the monitoring of WDI input
during standby mode
CTRL1
I2C_SECURE_EN
Writing a 0 disables de I2C secure write mode
VMONENx
SWxVMON_EN
Writing a 0 disables the OV/UV monitor for SWx
15 Functional blocks
15.1 Analog core and internal voltage references
All regulators use the main bandgap as the reference for the output voltage generations,
this bandgap is also used as reference for the internal analog core and digital core
supplies. The performance of the regulators is directly dependent on the performance of
the bandgap.
No external DC loading is allowed on V1P5A and V1P5D. V1P5D is kept powered
as long as there is a valid supply and it may be used as a reference voltage for the
VDDOTP and TBBEN pins during system power on.
The analog reference supply V1P5A is used as the internal reference supply for the
voltage regulators. it is disabled in the LP_OFF state to achieve low quiescent currents.
In applications where there is two or more PMICs supplying a system, the V1P5A
may be used to pull up the XFAILB pin to achieve proper power up and power down
synchronization during system operation.
A second bandgap is provided as the reference for all the monitoring circuits. This
architecture allows the PF5023 to provide a reliable way to detect not only single point
but also latent faults in order to meet the metrics required by an ASIL B level application.
Table 35. Internal supplies electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
V1P5D
V1P5D output voltage
1.50
1.60
1.65
V
C1P5D
V1P5D output capacitor
—
1.0
—
µF
V1P5A
V1P5A output voltage
1.50
1.60
1.65
V
C1P5A
V1P5A output capacitor
—
1.0
—
µF
15.2 Type 1 buck regulators (SWx)
The PF5023 features four low voltage regulators with input supply range from 2.5 V
to 5.5 V and output voltage range from 0.4 V to 1.8 V in 6.25 mV steps. Each voltage
regulator is capable to supply 2.5 A and features a programmable soft-start and DVS
ramp for system power optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com