Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5023AMBA0ES Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
39 / 91
14.9.7 PGOODx
The PGOODx pins are open drain outputs to provide the power good status of each
regulator. In the application, PGOODx can be pulled up to VDDIO with a 100 kΩ resistor.
The PGOODx pin is pulled low when the corresponding regulator output falls above or
below the programmed OV/UV thresholds.
The actual condition causing the interrupt (OV, UV) can be read in the fault interrupt
registers. For more details on handling interrupts, see Section 14.8 "Interrupt
management".
Table 31. PGOODx assignment
Pin
PF5023 regulator
PGOOD1
SW1
PGOOD2
SW2
PGOOD3
SW3
14.9.8 ENx
The ENx input pin is used to enable or disable the dedicated regulator via hardware.
When the ENx pin is asserted low, the corresponding regulator is turned off.
Table 32. ENx assignment
Pin
PF5023 regulator
EN1
SW1
EN2
SW2
EN3
SW3
The status of the ENx pin can be monitored via the corresponding ENx_S flag bit in the
EN SENSE register.
• When ENx is in low state, ENx_S flag is set to 0.
• When ENx is in high state, ENx_S flag is set to 1.
14.9.9 TBBEN
The TBBEN is an input pin provided to allow the user to program the mirror registers
in order to operate the device with a custom configuration as well as programming the
default values on the OTP fuses.
• When TBBEN pin is pulled low to ground, the device is operating in normal mode.
• When TBBEN pin is pulled high to V1P5D, the device enables the TBB configuration
mode.
See Section 17 "OTP/TBB and hardwire default configurations" for details on TBB and
OTP operation.
When TBBEN pin is pulled high to V1P5D the following conditions apply:
• The device uses a fixed I2C device address (0x08)
• Disable the watchdog operation, including WDI monitoring and internal watchdog timer
• Disable the CRC and I2C secure write mechanism while no power up event is present
(TBB/OTP programming mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com