Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4115 Datasheet(PDF) 40 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4115 Datasheet HTML 36Page - Analog Devices AD4115 Datasheet HTML 37Page - Analog Devices AD4115 Datasheet HTML 38Page - Analog Devices AD4115 Datasheet HTML 39Page - Analog Devices AD4115 Datasheet HTML 40Page - Analog Devices AD4115 Datasheet HTML 41Page - Analog Devices AD4115 Datasheet HTML 42Page - Analog Devices AD4115 Datasheet HTML 43Page - Analog Devices AD4115 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 40 of 51
Register Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x22
SETUPCON2 [15:8]
Reserved
BI_UNIPOLAR2 REFBUF2+
REFBUF2−
INBUF2
0x1000
R/W
[7:0]
Reserved
REF_SEL2
Reserved
0x23
SETUPCON3 [15:8]
Reserved
BI_UNIPOLAR3 REFBUF3+
REFBUF3−
INBUF3
0x1000
R/W
[7:0]
Reserved
REF_SEL3
Reserved
0x24
SETUPCON4 [15:8]
Reserved
BI_UNIPOLAR4 REFBUF4+
REFBUF4−
INBUF4
0x1000
R/W
[7:0]
Reserved
REF_SEL4
Reserved
0x25
SETUPCON5 [15:8]
Reserved
BI_UNIPOLAR5 REFBUF5+
REFBUF5−
INBUF5
0x1000
R/W
[7:0]
Reserved
REF_SEL5
Reserved
0x26
SETUPCON6 [15:8]
Reserved
BI_UNIPOLAR6 REFBUF6+
REFBUF6−
INBUF6
0x1000
R/W
[7:0]
Reserved
REF_SEL6
Reserved
0x27
SETUPCON7 [15:8]
Reserved
BI_UNIPOLAR7 REFBUF7+
REFBUF7−
INBUF7
0x1000
R/W
[7:0]
Reserved
REF_SEL7
Reserved
0x28
FILTCON0 [15:8] SINC3_MAP0
Reserved
ENHFILTEN0
ENHFILT0
0x0500
R/W
[7:0]
Reserved
ORDER0
ODR0
0x29
FILTCON1 [15:8] SINC3_MAP1
Reserved
ENHFILTEN1
ENHFILT1
0x0500
R/W
[7:0]
Reserved
ORDER1
ODR1
0x2A
FILTCON2 [15:8] SINC3_MAP2
Reserved
ENHFILTEN2
ENHFILT2
0x0500
R/W
[7:0]
Reserved
ORDER2
ODR2
0x2B
FILTCON3 [15:8] SINC3_MAP3
Reserved
ENHFILTEN3
ENHFILT3
0x0500
R/W
[7:0]
Reserved
ORDER3
ODR3
0x2C
FILTCON4 [15:8] SINC3_MAP4
Reserved
ENHFILTEN4
ENHFILT4
0x0500
R/W
[7:0]
Reserved
ORDER4
ODR4
0x2D
FILTCON5 [15:8] SINC3_MAP5
Reserved
ENHFILTEN5
ENHFILT5
0x0500
R/W
[7:0]
Reserved
ORDER5
ODR5
0x2E
FILTCON6 [15:8] SINC3_MAP6
Reserved
ENHFILTEN6
ENHFILT6
0x0500
R/W
[7:0]
Reserved
ORDER6
ODR6
0x2F
FILTCON7 [15:8] SINC3_MAP7
Reserved
ENHFILTEN7
ENHFILT7
0x0500
R/W
[7:0]
Reserved
ORDER7
ODR7
0x30
OFFSET0
[23:0]
OFFSET0[23:0]
0x800000 R/W
0x31
OFFSET1
[23:0]
OFFSET1[23:0]
0x800000 R/W
0x32
OFFSET2
[23:0]
OFFSET2[23:0]
0x800000 R/W
0x33
OFFSET3
[23:0]
OFFSET3[23:0]
0x800000 R/W
0x34
OFFSET4
[23:0]
OFFSET4[23:0]
0x800000 R/W
0x35
OFFSET5
[23:0]
OFFSET5[23:0]
0x800000 R/W
0x36
OFFSET6
[23:0]
OFFSET6[23:0]
0x800000 R/W
0x37
OFFSET7
[23:0]
OFFSET7[23:0]
0x800000 R/W
0x38
GAIN0
[23:0]
GAIN0[23:0]
0x5XXXX0 R/W
0x39
GAIN1
[23:0]
GAIN1[23:0]
0x5XXXX0 R/W
0x3A
GAIN2
[23:0]
GAIN2[23:0]
0x5XXXX0 R/W
0x3B
GAIN3
[23:0]
GAIN3[23:0]
0x5XXXX0 R/W
0x3C
GAIN4
[23:0]
GAIN4[23:0]
0x5XXXX0 R/W
0x3D
GAIN5
[23:0]
GAIN5[23:0]
0x5XXXX0 R/W
0x3E
GAIN6
[23:0]
GAIN6[23:0]
0x5XXXX0 R/W
0x3F
GAIN7
[23:0]
GAIN7[23:0]
0x5XXXX0 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com