Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4115 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4115 Datasheet HTML 12Page - Analog Devices AD4115 Datasheet HTML 13Page - Analog Devices AD4115 Datasheet HTML 14Page - Analog Devices AD4115 Datasheet HTML 15Page - Analog Devices AD4115 Datasheet HTML 16Page - Analog Devices AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices AD4115 Datasheet HTML 19Page - Analog Devices AD4115 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 16 of 51
Table 7. Communications Register Bit Map
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x00
COMMS
[7:0]
WEN
R/W
RA
0x00
W
Table 8. ID Register Bit Map
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x07
ID
[15:0]
ID
0x38DX1
R
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com