Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4115 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4115 Datasheet HTML 25Page - Analog Devices AD4115 Datasheet HTML 26Page - Analog Devices AD4115 Datasheet HTML 27Page - Analog Devices AD4115 Datasheet HTML 28Page - Analog Devices AD4115 Datasheet HTML 29Page - Analog Devices AD4115 Datasheet HTML 30Page - Analog Devices AD4115 Datasheet HTML 31Page - Analog Devices AD4115 Datasheet HTML 32Page - Analog Devices AD4115 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 29 of 51
OPERATING MODES
The AD4115 has nine operating modes that can be set from the
ADC mode register and interface mode register (see Table 22
and Table 23). These modes include the following:
•
Continuous conversion mode
•
Continuous read mode
•
Single conversion mode
•
Standby mode
•
Power-down mode
•
Four calibration modes
CONTINUOUS CONVERSION MODE
Continuous conversion mode (see Figure 42) is the default
power-up mode. The AD4115 converts continuously, and the
RDY bit in the status register goes low each time a conversion is
complete. If CS is low, the RDY output also goes low when a
conversion is complete. To read a conversion, write to the
communications register to indicate that the next operation is a
read of the data register. When the data-word is read from the
data register, the DOUT/RDY pin goes high. The user can read
this register additional times, if required. However, ensure that
the data register is not accessed at the completion of the next
conversion. Otherwise, the new conversion word is lost.
When several channels are enabled, the ADC automatically
sequences through the enabled channels and performs one
conversion on each channel. When all channels are converted,
the sequence starts again with the first channel. The channels
are converted in order from the lowest enabled channel to the
highest enabled channel. The data register updates as soon as
each conversion is available. The RDY output pulses low each
time a conversion is available and the user can then read the
conversion while the ADC converts the next enabled channel.
If the DATA_STAT bit in the interface mode register is set to 1,
the conversion data and the contents of the status register are
output each time the data register is read. The four LSBs of the
status register indicate the channel to which the conversion
corresponds.
CONTINUOUS READ MODE
In continuous read mode (see Figure 43), it is not required to
write to the communications register before reading ADC data.
Apply only the required number of serial clocks after the RDY
output goes low to indicate the end of a conversion. When the
conversion is read, the RDY output returns high until the next
conversion is available. In this mode, the data can be read only
once. Ensure that the data-word is read before the next
conversion is complete. If the user has not read the conversion
before the completion of the next conversion, or if insufficient
serial clocks are applied to the AD4115 to read the data-word,
the serial output register resets shortly before the next
conversion is complete, and the new conversion is placed in the
output serial register. The ADC must be configured for
continuous conversion mode to use continuous read mode. To
enable continuous read mode, set the CONTREAD bit in the
interface mode register. When this bit is set, the only serial
interface operations possible are reads from the data register. To
exit continuous read mode, issue a dummy read of the ADC data
register command (0x44) while the RDY output is low.
Alternatively, apply a software reset (64 serial clocks with CS = 0
and DIN = 1) to reset the ADC and all register contents. The
dummy read and the software reset are the only commands that
the interface recognizes after the interface is placed in
continuous read mode. Hold DIN low in continuous read mode
until an instruction is to be written to the device.
If multiple ADC channels are enabled, each channel is output
in turn with the status bits appended to the data if the
DATA_STAT bit is set in the interface mode register. The four
LSBs of the status register indicate the channel to which the
conversion corresponds.
SINGLE CONVERSION MODE
In single conversion mode (see Figure 44), the AD4115
performs a single conversion and is placed in standby mode
when the conversion is complete. The RDY output goes low to
indicate the completion of a conversion. When the data-word is
read from the data register, the RDY output goes high. The data
register can be read several times, if required, even when the
RDY output goes high.
If several channels are enabled, the ADC automatically
sequences through the enabled channels and performs a
conversion on each channel. When the first conversion starts,
the RDY output goes high and remains high until a valid
conversion is available and CS is low. When the conversion is
available, the RDY output goes low and the ADC selects the
next channel and begins a conversion. The user can read the
present conversion while the next conversion is performed.
When the next conversion is complete, the data register
updates, which allows the user a limited period in which to read
the conversion. When the ADC performs a single conversion
on each selected channel, the ADC returns to standby mode.
If the DATA_STAT bit in the interface mode register is set to 1,
the contents of the status register and the conversion are output
each time the data register is read. The four LSBs of the status
register indicate the channel to which the conversion corresponds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com