Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4115 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices AD4115 Datasheet HTML 19Page - Analog Devices AD4115 Datasheet HTML 20Page - Analog Devices AD4115 Datasheet HTML 21Page - Analog Devices AD4115 Datasheet HTML 22Page - Analog Devices AD4115 Datasheet HTML 23Page - Analog Devices AD4115 Datasheet HTML 24Page - Analog Devices AD4115 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 21 of 51
Default Output Data
Rate (SPS), SING_CYC = 0
and Single Channel
Enabled
Output Data Rate (SPS per
Channel), SING_CYC = 1 or
Multiple Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(µV rms)2
Effective
Resolution
(Bits)
Noise
(µV p-p)
Peak-to-Peak
Resolution
(Bits)
20
6.67
150 ms
20.00
3.30
22.53
21.78
19.81
16.67
5.56
180 ms
16.67
2.78
22.78
18.35
20.06
10
3.33
300 ms
10.00
2.95
22.7
14.9
20.4
5
1.67
600 ms
5.00
2.63
22.7
11.9
20.7
2.5
0.83
1.2 s
2.50
2.43
22.7
11.9
20.7
1
The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2
The noise values are based on 1000 samples for data rates ≥381 SPS per channel and based on 100 samples for data rates ≤200.3 SPS per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com