Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9082 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices AD9082 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 32 of 33
THEORY OF OPERATION
The AD9082 is a highly integrated, 28 nm, RF, MxFE featuring
four 16-bit, 12 GSPS DAC cores and two 12-bit, 6 GSPS ADC
cores (see Figure 1). The DAC core is based on a current
segmentation architecture providing a differential complementary
current output with an adjustable full-scale output (IOUTFS) range
of 7 mA to 40 mA. The ADC core is based on a proprietary
interleaved architecture that suppresses residual interleaving
spurious products into the noise floor. To enable wide bandwidth
operation, a high linearity 100 Ω differential buffer with overload
protection is used to isolate the ADC core from the RF ADC
driver source. An on-chip clock multiplier can be used to
synthesize the RF DAC and ADC clocks or, alternatively,
an external clock can be applied.
Flexible transmit and receive DSP paths are available to up and
down sample the desired intermediate frequency (IF) or RF
signal(s) to manageable data interface rates aligned with
bandwidth requirements. The transmit and receive DSP paths are
symmetric and consist of four coarse digital upconversion (DUC)
and digital downconversion (DDC) blocks in the main datapath
along with eight fine DUC and DDC blocks in the channelizer
datapath. Each block includes a 48-bit NCO configurable for
integer or fractional mode of operation. The channelizer
datapath enables an efficient implementation to support
multiband applications where up to eight RF bands can be
supported. Each of the DUC and DDC blocks are bypassable
and offer flexible interpolating and decimation factors. The
NCO in each block also supports coherent frequency hopping.
Additional features are also included in the receive and
transmit datapaths as well as elsewhere to facilitate system
integration. Both datapaths include adjustable delay lines to
compensate for mismatch in channel delay paths that may occur
external to the device. The transmit datapath includes digital gain
control, fine delay adjust, and power amplifier protection to
simplify DPD integration in a multiband transmitter. The receive
path includes a flexible programmable 192-tap finite impulse
response (PFIR) filter. The filter can be allocated across one or
more ADCs for receive equalization with support for four
different profiles. These profiles can be selected using the
GPIOx pins. The receive datapath also includes a fast and slow
signal detection capability in support of automatic gain control
(AGC). Transmit and receive data formatting can be real or
complex with resolutions of 8, 12, 16, and 24 bits depending on
the JESD204B or the JESD204C mode. The AD9082 also allows
complete bypass of the transmit and receive DSP paths enabling
Nyquist operation.
The device also supports fast frequency hopping via GPIOx and a
low latency digital loopback capability. An on-chip TMU is also
included and can be used as part of a thermal management
solution. Power savings option in support of time division
duplex (TDD) applications are included.
A 16-lane JESD204 transceiver port is available to support the
high data throughput rates on the receive and transmit datapaths.
Eight SERDES lanes are designated for the transmit datapaths,
while the other 8 lanes are designated for the receive datapaths with
the option to support two links. The transceiver port supports
JESD204C up to 16.22 GSPS or JESD204B up to 15.5 GSPS lane
rates. The JESD204 data link layer is highly flexible allowing
optimization of the lane count (or rate) required to support a
target throughput rate. Internal synchronization for deterministic
latency and phase alignment as well as multichip synchronization
are possible via an external alignment signal (SYSREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com