Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9082 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 13 of 33
Parameter
Min
Typ
Max
Unit
WORST HD3
fIN = 253 MHz
−80.0
dBFS
fIN = 450 MHz
−78.3
dBFS
fIN = 900 MHz
−70.8
dBFS
fIN = 1800 MHz
−66
dBFS
fIN = 2700 MHz
−70.8
dBFS
fIN = 3600 MHz
−69.2
dBFS
fIN = 4500 MHz
−64.3
dBFS
fIN = 5400 MHz
−62
dBFS
WORST OTHER, EXCLUDING HD2 OR HD3 HARMONIC
fIN = 253 MHz
−85.3
dBFS
fIN = 450 MHz
−81.4
dBFS
fIN = 900 MHz
−76.5
dBFS
fIN = 1800 MHz
−72.1
dBFS
fIN = 2700 MHz
−68.5
dBFS
fIN = 3600 MHz
−65.9
dBFS
fIN = 4500 MHz
−64.2
dBFS
fIN = 5400 MHz
−62.7
dBFS
TWO-TONE IMD3, Input Amplitude 1 (AIN1) = Input Amplitude 2 (AIN2) = −7 dBFS
Input Frequency 1 (fIN1) = 890 MHz, Input Frequency 2 (fIN2) = 910 MHz
fIN1 = 1780 MHz, fIN2 = 1820 MHz
−78.9
dBFS
fIN1 = 2680 MHz, fIN2 = 2720 MHz
−75
dBFS
fIN1 = 3560 MHz, fIN2 = 3640 MHz
−73.2
dBFS
fIN1 = 5360 MHz, fIN2 = 5440 MHz
−64.2
dBFS
ANALOG BANDWIDTH3
8
GHz
1
Noise density is measured at a low analog amplitude and/or frequency where timing jitter does not degrade noise floor.
2
Noise figure is based on a nominal full-scale input power of 4.5 dBm with an input span of 1.5 V p-p and RIN = 100 Ω.
3
Analog input bandwidth is the bandwidth of operation in which the full-scale input frequency response rolls off by −3 dB based on a de-embedded model of the ADC
extracted from the measured frequency response on evaluation board. This bandwidth requires optimized matching network to achieve this upper bandwidth.
TIMING SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 11.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL PORT INTERFACE (SPI) WRITE OPERATION
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
SCLK = 33 MHz
5
ns
SCLK Clock Low
tPWL
SCLK = 33 MHz
5
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
SCLK to CSB Hold Time
tH
4
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com