Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9082 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 21 of 33
TYPICAL PERFORMANCE CHARACTERISTICS
DAC
TA = 25°C using the AD9082-FMCA-EBZ, data curves represent average performance of all DAC outputs with harmonics (or alias
harmonics) and spurs falling in the first DAC Nyquist zone (<fDAC/2), IOUTFS = 26 mA, PLL clock multiplier enabled, and ADC powered
down, unless otherwise noted. See the UG-1578 user guide for additional information on the JESDB or JESDC mode configurations.
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
3000
2500
2000
1500
1000
500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 6. HD2 vs. fOUT over Digital Scale (Mode 17B), 6 GSPS DAC Sample
Rate, Channel Interpolation 1×, Main Interpolation 4×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
3000
2500
2000
1500
1000
500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 7. HD3 vs. fOUT over Digital Scale (Mode 17B), 6 GSPS DAC Sample
Rate, Channel Interpolation 1×, Main Interpolation 4×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
3000
2500
2000
1500
1000
500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 8. SFDR, Worst Spurious vs. fOUT over Digital Scale (Mode 17B),
6 GSPS DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 4×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 9. HD2 vs. fOUT over Digital Scale (Mode 16B), 12 GSPS DAC Sample
Rate, Channel Interpolation 4×, Main Interpolation 8×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 10. HD3 vs. fOUT over Digital Scale (Mode 16B), 12 GSPS DAC Sample
Rate, Channel Interpolation 4×, Main Interpolation 8×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 11. SFDR, Worst Spurious vs. fOUT over Digital Scale (Mode 16B), 12 GSPS
DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com