Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9082 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices AD9082 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 29 of 33
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
2.40
3.00
2.70
2.90
2.50
2.80
2.60
2.95
2.65
2.85
2.45
2.75
2.55
FREQUENCY (GHz)
AIN1 AND AIN2 = –7.0dBFS
IMD3L = –75.6dBFS
IMD3H = –74.8dBFS
Figure 53. Two-Tone FFT, fIN1 = 2.675 GHz, fIN2 = 2.725 GHz, and
AIN1 and AIN2 = −7 dBFS
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
2.10
2.70
2.40
2.60
2.20
2.50
2.30
2.65
2.35
2.55
2.15
2.45
2.25
FREQUENCY (GHz)
AIN1 AND AIN2 = –7.0dBFS
IMD3L = –72.8dBFS
IMD3H = –73.1dBFS
Figure 54. Two-Tone FFT, fIN1 = 3.575 GHz, fIN2 = 3.625 GHz, and
AIN1 and AIN2 = −7 dBFS
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0.30
0.90
0.60
0.80
0.40
0.70
0.50
0.85
0.55
0.75
0.35
0.65
0.45
FREQUENCY (GHz)
AIN1 AND AIN2 = –7.0dBFS
IMD3L = –64.2dBFS
IMD3H = –65.4dBFS
Figure 55. Two-Tone FFT, fIN1 = 5.375 GHz, fIN2 = 5.425 GHz, and
AIN1 and AIN2 = −7 dBFS
–64
–130
–124
–106
–82
–118
–94
–70
–112
–88
–100
–76
–31
–7
–10
–22
–16
–28
–19
–13
–25
INPUT AMPLITUDE (dBFS)
CH0 IMD3L
CH0 IMD3H
CH1 IMD3L
CH1 IMD3H
Figure 56. Two-Tone IMD3 vs. Input Amplitude with fIN1 = 2.675 GHz and
fIN2 = 2.725 GHz
–64
–130
–124
–106
–82
–118
–94
–70
–112
–88
–100
–76
–31
–7
–10
–22
–16
–28
–19
–13
–25
INPUT AMPLITUDE (dBFS)
CH0 IMD3L
CH0 IMD3H
CH1 IMD3L
CH1 IMD3H
Figure 57. Two-Tone IMD3 vs. Input Amplitude with fIN1 = 3.575 GHz and
fIN2 = 3.625 GHz
–64
–130
–124
–106
–82
–118
–94
–70
–112
–88
–100
–76
–31
–7
–10
–22
–16
–28
–19
–13
–25
INPUT AMPLITUDE (dBFS)
CH0 IMD3L
CH0 IMD3H
CH1 IMD3L
CH1 IMD3H
Figure 58. Two-Tone IMD3 vs. Input Amplitude with fIN1 = 5.375 GHz and
fIN2 = 5.425 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com