Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 2Page - Analog Devices ADAR2001 Datasheet HTML 3Page - Analog Devices ADAR2001 Datasheet HTML 4Page - Analog Devices ADAR2001 Datasheet HTML 5Page - Analog Devices ADAR2001 Datasheet HTML 6Page - Analog Devices ADAR2001 Datasheet HTML 7Page - Analog Devices ADAR2001 Datasheet HTML 8Page - Analog Devices ADAR2001 Datasheet HTML 9Page - Analog Devices ADAR2001 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 6 of 39
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VPOS1, VPOS3, VPOS4, VPOS5 to GND1
+3 V, −0.3 V
VPOS2 to GND1
+2.1 V, −0.3 V
Digital Input to GND1
+2.1 V, −0.3 V
RFIN to GND1
±0.3 V
RFIN Power
−5 dBm
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
135°C
Reflow Soldering
Peak Temperature
260°C
1
GND is the common ground to which all GNDx pins are connected.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CC-40-71
33.8
12.2
°C/W
1
Pad soldered.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADAR2001
Table 5. ADAR2001, 40-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
1000 to 2000
1C
CDM
500 to 750
C2A
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com