Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 1 Page - Analog Devices

  ADAR2001 Datasheet HTML 1Page - Analog Devices ADAR2001 Datasheet HTML 2Page - Analog Devices ADAR2001 Datasheet HTML 3Page - Analog Devices ADAR2001 Datasheet HTML 4Page - Analog Devices ADAR2001 Datasheet HTML 5Page - Analog Devices ADAR2001 Datasheet HTML 6Page - Analog Devices ADAR2001 Datasheet HTML 7Page - Analog Devices ADAR2001 Datasheet HTML 8Page - Analog Devices ADAR2001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
10 GHz to 40 GHz, 1:4 Channel,
4× Frequency Multiplier/Filter
Data Sheet
ADAR2001
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4× input frequency multiplier with programmable harmonic
filter
Quad differential output PAs with independent enable control
Input frequency range: 2.5 GHz to 10 GHz
Output frequency range: 10 GHz to 40 GHz
Input power: −20 dBm (50 Ω)
Output power: 5 dBm differential (100 Ω)
Harmonic rejection: −20 dBc to −40 dBc at all frequencies
3-wire or 4-wire SPI control of all functions
On-chip programmable state machines for fast
multiplier/filter and transmitter switching and control
On-chip temperature sensor, output power detectors, and ADC
DC power: 450 mW (2.5 V supply)
6 mm × 6 mm, 40-terminal LGA package
APPLICATIONS
Millimeter wave imaging
Security
Medical
Industrial
Wideband local oscillator (LO) multiplier/distributor
GENERAL DESCRIPTION
The ADAR2001 is a transmitter IC optimized for millimeter
wave body scanning applications. Accepting a single-ended
continuous wave (CW) input signal between 2.5 GHz and 10 GHz,
the ADAR2001 provides gain, 4× frequency multiplication,
harmonic filtering, 1:4 signal splitting, and four independently
controllable power amplifiers (PAs) with differential outputs
designed to directly drive dipole antennas with differential inputs.
All device functions and configuration options can be accessed by a
3-wire or 4-wire Analog Devices, Inc., serial peripheral interface
(SPI).
Two state machines are also integrated into the ADAR2001,
which facilitate easy configuration, control, and fast switching
of the frequency multiplier, filter, and transmitter sections.
These sequencers are programmed through the SPI and are
then operated by pulsed inputs (reset and advance).
The output power and chip temperature can be monitored by
four on-chip detectors and a temperature sensor whose outputs
are multiplexed to an 8-bit ADC.
The ADAR2001 requires only a single 2.5 V supply with power
consumption of 450 mW with one channel turned on.
The ADAR2001 is available in a compact, 40-terminal, 6 mm ×
6 mm LGA package and is specified from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ADAR2001
RFIN
BUFFER
×4
×4
×4
MULTIPLIER/FILTER SEQUENCER
TRANSMITTER SEQUENCER
ADC
RFOUT1+
RFOUT1–
RFOUT2+
RFOUT2–
RFOUT3+
RFOUT3–
RFOUT4+
RFOUT4–
CS
SDIO
SCLK
SDO
SPI
CONTROL
MRST
MADV
TxRST
TxADV
PA
PA
PA
PA
TEMP.
SENSOR
MULTIPLIER/FILTER
STATE MACHINE
(16 STATES)
TRANSMITTER
STATE MACHINE
(70 STATES)
Figure 1.


Similar Part No. - ADAR2001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR2004 AD-ADAR2004 Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
ADAR2004-EVALZ AD-ADAR2004-EVALZ Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
ADAR2004ACCZ AD-ADAR2004ACCZ Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
ADAR2004ACCZ-R7 AD-ADAR2004ACCZ-R7 Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
More results

Similar Description - ADAR2001

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430F TRIQUINT-TGC1430F Datasheet
358Kb / 3P
20 - 40 GHz X2 Frequency Multiplier
TGC1430G TRIQUINT-TGC1430G Datasheet
334Kb / 3P
20 - 40 GHz X3 Frequency Multiplier
TGC1430F-EPU TRIQUINT-TGC1430F-EPU Datasheet
105Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
TGC1430G-EPU TRIQUINT-TGC1430G-EPU Datasheet
87Kb / 4P
20 - 40 GHz X3 Frequency Multiplier
logo
API Technologies Corp
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR140M APITECH-MR140M Datasheet
133Kb / 1P
RF: 4 to 18 GHz IF: 1 to 10 GHz
logo
TriQuint Semiconductor
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
logo
Pasternack Enterprises,...
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
1 GHz to 2 GHz Frequency Range
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6125 AVAGO-AMMP-6125 Datasheet
424Kb / 9P
10-24 GHz x2 Frequency Multiplier
logo
Analog Devices
ADAR2004 AD-ADAR2004 Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com