Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 14Page - Analog Devices ADAR2001 Datasheet HTML 15Page - Analog Devices ADAR2001 Datasheet HTML 16Page - Analog Devices ADAR2001 Datasheet HTML 17Page - Analog Devices ADAR2001 Datasheet HTML 18Page - Analog Devices ADAR2001 Datasheet HTML 19Page - Analog Devices ADAR2001 Datasheet HTML 20Page - Analog Devices ADAR2001 Datasheet HTML 21Page - Analog Devices ADAR2001 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 18 of 39
TRANSMITTER STATE MACHINE
Like the multiplier/filter state machine, the transmitter state
machine can be used to quickly cycle through transmit states
without using the comparatively slower SPI interface.
To enable the state machine, set the TX_SEQ_EN bit
(Register 0x016, Bit 7) high.
The transmitter state machine controls the status of the four
PAs (sleep, ready, or active) and the status of the 1:4 splitter
network by defining the desired modes of operation in
Register 0x050 to Register 0x06F. The PAs are in sleep mode
when the ready and active bits are not enabled. Each mode
outlines a custom set of operating conditions.
Although only four states are required to cycle through a transmit
cycle by each of the PAs, a state machine depth of 70 is provided
for optimum flexibility and to lower the total number of control
lines required to operate multiple ADAR2001 chips in parallel.
It is possible to control up to 16 ADAR2001 ICs using the same
four sequencer lines (MADV, MRST, TxADV, TxRST). See the
Sequencer Control Latch Bypass section for more information.
Following the mode definitions, the user must fill the state bits
in Register 0x019 to Register 0x03B with the modes of interest.
Any state can point to any mode, except State 0 which always
points to Mode 0. Note that the sequencer moves through the
states in order, up to the state machine depth.
After the states are defined, the user must set the number of
states to be used by the sequencer by changing the TX_STATES
bits (Register 0x017, Bits[6:0]). TX_STATES is 0 indexed.
Therefore, setting the depth to 0 leaves TX_STATE_1
(Register 0x019, Bits[7:4]) as the only state in the loop.
After the transmit state machine is programmed, operation is
controlled by the TxRST (transmit reset, Pin 9) and TxADV
(transmit advance, Pin 8) pins. Alternatively, operation can be
controlled through the SPI using the TX_RST_SPI and
TX_ADV_SPI bits (Register 0x044, Bit 1 and Bit 0, respectively).
TxRST moves the pointer on the transmit state machine to
State 0 regardless of the current position of the pointer and can
be asserted at any time. State 0 always refers to Mode 0 and
cannot be set to another mode. However, Mode 0 can be
overwritten with any transmitter configuration. Mode 0 is
defined in Register 0x050 and Register 0x051.
TxADV pulses advance the transmitter state machine pointer
one state at a time until the defined sequencer depth is cycled
through. At that point, an additional TxADV pulse moves the
pointer back to State 1. State 1 applies the mode defined in the
TX_STATE_1 bits (Register 0x019, Bits[7:4]).
SINGLE-CHANNEL FREQUENCY SWEEP
Figure 29 shows a method of operation that can be used during
a 20 GHz to 40 GHz frequency sweep of Channel 1. Based on
Table 7, three multiplier/filter states are required during a 20 GHz
to 40 GHz sweep. In this example, the defined state machine depth,
MULT_STATES (Register 0x018, Bits[3:0]), is 3 because there
are four states inside the loop, and MULT_STATES is 0 indexed.
As shown in Figure 29,
•
Multiplier/Filter State 0 = sleep (outside the loop)
•
Multiplier/Filter State 1 = mid band multiplier ready
•
Multiplier/Filter State 2 = output 20 GHz to 25 GHz to PAs
•
Multiplier/Filter State 3 = output 25 GHz to 30 GHz to PAs
•
Multiplier/Filter State 4 = output 30 GHz to 40 GHz to PAs
The initial state is the sleep state where power consumption is
at a minimum. This state is reached by pulsing the MRST pin.
A pulse on MADV then advances the state machine to the first
state inside the loop, which is defined as a ready state, where
the mid band multiplier is partially powered but not active, and
the BPF is disabled to pass the higher portion of the mid band.
By using this ready state, an additional pulse on MADV makes
this subcircuit path active in less than 10 ns. By making use of
the ready mode for the upcoming state throughout the sweep,
the multiplier/filter switching and settling time can be kept less
than 10 ns between all states.
After the appropriate number of pulses is applied to MADV (5,
in this case), the state machine automatically returns to the first
state in the loop (ready).
MULT: ALL SLEEP
BPF: N/A
PA: ALL SLEEP
SLEEP
MULT_STATE_0
TX_STATE_0
MULT: MID RDY
BPF: N/A
PA: CH. 1 RDY
CHANNEL 1
READY
MULT_STATE_1
TX_STATE_1
MULT: MID ACT
BPF: HIGH
PA: CH. 1 ACT
CHANNEL 1
20GHz TO 25GHz
MULT_STATE_2
TX_STATE_2
MULT: HIGH ACT
BPF: LOW
PA: CH. 1 ACT
CHANNEL 1
25GHz TO 30GHz
MULT_STATE_3
TX_STATE_2
MULT: HIGH ACT
BPF: HIGH
PA: CH. 1 ACT
CHANNEL 1
30GHz TO 40GHz
MULT_STATE_4
TX_STATE_2
MULTIPLIER
RESET
TRANSMITTER
RESET
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
MULTIPLIER
ADVANCE
MULTIPLIER
ADVANCE
TRANSMITTER
ADVANCE
MULTIPLIER
ADVANCE
Figure 29. State Machine Loop Example for a Frequency Sweep from 20 GHz to 40 GHz on a Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com