Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2001 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 3Page - Analog Devices ADAR2001 Datasheet HTML 4Page - Analog Devices ADAR2001 Datasheet HTML 5Page - Analog Devices ADAR2001 Datasheet HTML 6Page - Analog Devices ADAR2001 Datasheet HTML 7Page - Analog Devices ADAR2001 Datasheet HTML 8Page - Analog Devices ADAR2001 Datasheet HTML 9Page - Analog Devices ADAR2001 Datasheet HTML 10Page - Analog Devices ADAR2001 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADAR2001
Rev. 0 | Page 7 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
VPOS1
GND1
GND2
RFIN
GND3
VREG
VPOS2
TxADV
TxRST
MADV
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VPOS3
GND7
RFOUT3+
RFOUT3–
GND8
GND9
GND10
RFOUT2–
RFOUT2+
GND
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO A GROUND PLANE WITH
LOW THERMAL AND ELECTRICAL IMPEDANCE.
11
31
32
33
34
35
36
37
38
39
40
ADAR2001
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration (Top View, Not to Scale)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 21, 31, 40
VPOS1, VPOS3, VPOS4, VPOS5
2.5 V Power Supply for the Analog Section. Connect decoupling capacitors (one 10 nF and
one 100 pF on each pin, and a 1 μF for the rail) to the ground plane as close as possible to
these pins.
2, 3, 5, 16, 17, 20, 22,
25 to 27, 30, 32,
35 to 39
GND1 to GND17
Ground. Connect all ground pins to a ground plane with low thermal and electrical
impedance.
4
RFIN
RF Input. RFIN is a single-ended, 50 Ω input operating from 2.5 GHz to 10 GHz, ac-coupled
internally. The nominal input power level is −20 dBm.
6
VREG
1.8 V Low Dropout (LDO) Regulator Output. Directly connect VREG to Pin 7 (VPOS2).
7
VPOS2
1.8 V Power Supply for the Digital Section. Directly connect this supply to Pin 6 (VREG).
Place a 1 μF capacitor to ground as close as possible to VPOS2.
8
TxADV
Transmitter State Machine Advance. If the state machine is enabled, pulsing TxADV
advances the transmitter state machine to the next state in its cycle. If currently at the end
of the cycle, pulsing TxADV returns the pointer to the mode defined in TX_STATE_1
(Register 0x019, Bits[7:4]).
9
TxRST
Transmitter State Machine Reset. If the state machine is enabled, TxRST immediately sets
the transmit control state machine back to the configuration in the TX_EN1_MODE_0 and
TX_EN2_MODE_0 registers (Register 0x050 and Register 0x051).
10
MADV
Multiplier/Filter State Machine Advance. If the state machine is enabled, pulsing MADV
advances the multiplier/filter state machine to the next state in its cycle. If currently at the
end of the cycle, pulsing MADV returns the pointer to the mode defined in MULT_STATE_1
(Register 0x03C, Bits[7:4]).
11
MRST
Multiplier/Filter State Machine Reset. If the state machine is enabled, MRST immediately
sets the multiplier/filter state machine back to the configuration defined in the
MULT_EN_MODE_0 and MULT_PASS_MODE_0 registers (Register 0x070 and Register 0x071).
12
SCLK
Serial Clock. The SCLK pin is used to clock data into and out of the SPI interface.
13
SDIO
Serial Data Input/Output. The SDIO pin is a high impedance data input for clocking in
information. SDIO can also be used to read out data if Register 0x000, Bits[4:3] are set low
(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com