Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8103C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT8103C
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8103C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT8103C Datasheet HTML 2Page - Texas Instruments PT8103C Datasheet HTML 3Page - Texas Instruments PT8103C Datasheet HTML 4Page - Texas Instruments PT8103C Datasheet HTML 5Page - Texas Instruments PT8103C Datasheet HTML 6Page - Texas Instruments PT8103C Datasheet HTML 7Page - Texas Instruments PT8103C Datasheet HTML 8Page - Texas Instruments PT8103C Datasheet HTML 9Page - Texas Instruments PT8103C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
6
PT8100 Series
40-A 3.3/5-V Input Programmable
Integrated Switching Regulator
PT8104 Specifications (Unless otherwise stated Ta =25°C, C1 =1,500µF, C2 =660µF, Vin =5V, Vo =1.8V, & Io =40A )
PT8104, Vin =5V
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
25°C, natural convection
0.1 (1)
—38
A
60°C with 200LFM airflow
0.1 (1)
—40
Input Voltage Range
Vin
Over Io Range
4.5
—
5.5
V
Set-Point Voltage Tolerance
Vo tol
Over Vo range
—
±1
±2
%V
Line Regulation
∆Regline
Over Vin range
—
±10
—
mV
Load Regulation (Droop)
∆Regload
Over Io range
—
1.5
—
mV/A
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤85°C
—
±0.5
—
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
—
—
75 (2)
mV
–40°C
≤Ta ≤ 85°C, pin 31 to GND
Efficiency
η
Io =15A
Vo =1.8V
—
90
—
Vo =1.5V
—
88
—
%
Vo =1.2V
—
87
—
Io =40A
Vo =1.8V
—
85
—
Vo =1.5V
—
82
—
%
Vo =1.2V
—
80
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
25
—
mV
Transient Response (Vo =1.2V)
ttr
1A/µs load step, 50% to 100% Iomax
—
50
—
µSec
∆Vtr
Vo over/undershoot
—
50
—
mV
Short Circuit Threshold
Iosc
—
58
—
A
Switching Frequency
ƒo
Over load range
300
350
400
kHz
Standby Control (pin 6)
Input High Voltage
VIH
Referenced to GND (pins 17–22)
—
—
Open (3)
V
Input Low Voltage
VIL
–0.2
—
0.8
Input Low Current
IIL
Pin 6 to GND
—
0.5
—
mA
Standby Input Current
Iin standby
Pin 6 to GND
—
35
—
mA
External Output Capacitance
C2
See PT8104 application schematic
660 (6)
—
15,000
µF
External Input Capacitance
C1
See PT8104 application schematic
1,500
—
—
µF
Operating Temperature Range
Ta
Over Vin Range
–40 (4)
—+85 (5)
°C
Storage Temperature
Ts
—
–40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
—
500
—
G’s
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Vertical
—
20 (7)
—
G’s
20-2000 Hz, soldered in PCB
Horizontal
—
20 (7)
Weight
—
Vertical/Horizontal
—
55
—
grams
Flammability
—
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) Total output voltage variation includes load regulation droop, which is required for compliance with specification VRM 8.4-5
(3) The Standby input (pin 6) has an internal pull-up. If it is left open-circuit the module will operate when input power is applied. A low-leakage
MOSFET is recommended to control this input. The open-circuit voltage is nominally 5V. See application notes for interface considerations.
(4) For operation below 0°C, Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See safe Operating Area curves or consult factory for the appropriate derating.
(6) The PT8100 regulators require a minimum of 660µF, low ESR ouput capacitance (1,200µF for standard aluminum electrolytic) for proper operation.
(7) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
Input Filter: The filter components L1 and C3 are optional for most applications. The inductor must be rated to handle the projected input current. A rating of 20ADC is
recommended. The input capacitance, C1 must be rated for a minimum of 1Arms of ripple current. For transient or dynamic load applications, additional capacitance
may be required. For more information refer to the application note on capacitor recommendations for this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com