Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8103C Datasheet(PDF) 12 Page - Texas Instruments

Part # PT8103C
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8103C Datasheet(HTML) 12 Page - Texas Instruments

Back Button PT8103C Datasheet HTML 6Page - Texas Instruments PT8103C Datasheet HTML 7Page - Texas Instruments PT8103C Datasheet HTML 8Page - Texas Instruments PT8103C Datasheet HTML 9Page - Texas Instruments PT8103C Datasheet HTML 10Page - Texas Instruments PT8103C Datasheet HTML 11Page - Texas Instruments PT8103C Datasheet HTML 12Page - Texas Instruments PT8103C Datasheet HTML 13Page - Texas Instruments PT8103C Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT8101A
NRND
SIP MOD
ULE
EKF
31
6
TBD
Call TI
Level-1-215C-UNLIM
PT8101C
NRND
SIP MOD
ULE
EKG
31
6
TBD
Call TI
Level-3-215C-168HRS
PT8101N
NRND
SIP MOD
ULE
EKH
31
TBD
Call TI
Call TI
PT8102A
NRND
SIP MOD
ULE
EKF
31
6
TBD
Call TI
Level-1-215C-UNLIM
PT8102C
NRND
SIP MOD
ULE
EKG
31
TBD
Call TI
Call TI
PT8102N
NRND
SIP MOD
ULE
EKH
31
6
TBD
Call TI
Level-1-215C-UNLIM
PT8103A
NRND
SIP MOD
ULE
EKF
31
TBD
Call TI
Call TI
PT8103C
ACTIVE
SIP MOD
ULE
EKG
31
6
TBD
Call TI
Level-3-215C-168HRS
PT8103N
ACTIVE
SIP MOD
ULE
EKH
31
6
TBD
Call TI
Level-1-215C-UNLIM
PT8104A
NRND
SIP MOD
ULE
EKF
31
TBD
Call TI
Call TI
PT8104C
NRND
SIP MOD
ULE
EKG
31
TBD
Call TI
Call TI
PT8105A
NRND
SIP MOD
ULE
EKF
31
6
TBD
Call TI
Level-1-215C-UNLIM
PT8105C
NRND
SIP MOD
ULE
EKG
31
TBD
Call TI
Call TI
PT8105N
NRND
SIP MOD
ULE
EKH
31
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
13-May-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com