Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8103C Datasheet(PDF) 11 Page - Texas Instruments

Part # PT8103C
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8103C Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT8103C Datasheet HTML 6Page - Texas Instruments PT8103C Datasheet HTML 7Page - Texas Instruments PT8103C Datasheet HTML 8Page - Texas Instruments PT8103C Datasheet HTML 9Page - Texas Instruments PT8103C Datasheet HTML 10Page - Texas Instruments PT8103C Datasheet HTML 11Page - Texas Instruments PT8103C Datasheet HTML 12Page - Texas Instruments PT8103C Datasheet HTML 13Page - Texas Instruments PT8103C Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
11
Using the On/Off Standby Function of the
PT8100 Series of Programmable ISRs
The PT8100 series of programmable ISRs incorporates
an On/Off Standby function. This feature may be used
to turn the regulated output of the module off while input
voltage is applied. This places the module in “standby”
mode. The standby control may be used for power-up
sequencing, or wherever there is a requirement to control
the module’s output status from another circuit.
The Standby function is provided by the STBY* control,
pin 6. If pin 6 is left open-circuit the regulator operates
normally, providing a regulated output when a valid sup-
ply voltage is applied to Vin (pins 10-16) with respect to
GND (pins 17-22). Connecting pin 6 to ground 1 places
the regulator in standby mode 2, and reduces the input
current to typically 20mA. Applying a ground signal to
pin 6 prior to power-up, will inhibit the output during
the period that input power is applied. When the ground
signal to pin 6 is removed, the regulator initiates a soft-
start to re-establish the set output voltage. 3 To ensure
that the regulator output is properly enabled, the STBY*
control pin must be open circuit.
Table 1 Standby Control Requirements 2
Parameter
Min
Typ
Max
VIH
—
Open Cct. 1
VIL
–0.2V
—
0.8V
ISTBY
–0.5mA
Notes:
1. The standby on a PT8100 series regulators must be
controlled with an open-collector (or open-drain)
transistor (See fig. 1). Do Not use a pull-up resistor.
Table 1 gives the STBY* pin parameters. The control
pin has an open-circuit voltage equal to Vin. To shut the
regulator output off, the control pin must be “pulled” to
less than 0.8Vdc with a low-impedance sink to ground.
Figure 1
Figure 2
PT8100 Series
2. In the standby mode the output of the regulator is tri-
state, and the output voltage falls at the rate that the
load circuit discharges the output filter capacitors.
3. When the ground signal to the Standby pin is
removed, the regulator output initiates a soft-start
cycle by first asserting a low impedance to ground. If
an external voltage is applied to the output bus, it will
sink current and possibly over-stress the part.
Turn-On Time
Turning Q1 in Figure 1 off, removes the low-voltage
signal at pin 6. After approximately 4ms the regulator
output rises and reaches full regulation within 10ms.
Fig. 2 shows the typical waveforms of a PT8101 following
the prompt turn-off of Q1. The turn-off of Q1 corresponds
to the rise in Vstby. The output voltage was set to 1.8V,
and the waveforms were measured with a 5V input source,
and 9.25A resistive load.
L
O
A
D
C
OUT
+
C
IN
+
V
IN
V
O =1.8V
GND
V
O SENSE
1 =Off
L
in
1µH
GND
PT8101
4321
31
23–30
617–22
12–16
5
11
VID4 – VID0
Sense
V
IN
V
OUT
STBY
GND
VID
Common
Q1
BSS138
Vo (1V/Div)
Iin (2A/Div)
Vstby (5V/Div)
HORIZ SCALE: 1ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com