Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8103C Datasheet(PDF) 7 Page - Texas Instruments

Part # PT8103C
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8103C Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT8103C Datasheet HTML 3Page - Texas Instruments PT8103C Datasheet HTML 4Page - Texas Instruments PT8103C Datasheet HTML 5Page - Texas Instruments PT8103C Datasheet HTML 6Page - Texas Instruments PT8103C Datasheet HTML 7Page - Texas Instruments PT8103C Datasheet HTML 8Page - Texas Instruments PT8103C Datasheet HTML 9Page - Texas Instruments PT8103C Datasheet HTML 10Page - Texas Instruments PT8103C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
7
Characteristic Data; Vin =5V, PT8101/2/4 (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Output Ripple vs Output Current
PT8100 Series
40-A 3.3/5-V Input Programmable
Integrated Switching Regulator
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
50
60
70
80
90
100
0
8
16
24
32
40
Iout (A)
2.5V
1.8V
1.5V
1.2V
VOUT
0
10
20
30
40
50
0
8
16
24
32
40
Iout (A)
1.5V
1.8V
2.5V
1.2V
VOUT
0
3
6
9
12
15
0
8
16
24
32
40
Iout (A)
2.5V
1.8V
1.5V
1.2V
VOUT
Typical Characteristics
Safe Operating Area; Vin =5V (See Note B)
20
30
40
50
60
70
80
90
0
8
16
24
32
40
Iout (A)
400LFM
200LFM
60LFM
Nat conv
Airflow
PT8101, Vo =2.5V
20
30
40
50
60
70
80
90
0
8
16
24
32
40
Iout (A)
400LFM
200LFM
60LFM
Nat conv
Airflow
PT8102/PT8104, Vo =1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com