Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8304 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8304
Description  ECH8304
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8304 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8304 Datasheet HTML 1Page - Sanyo Semicon Device ECH8304 Datasheet HTML 2Page - Sanyo Semicon Device ECH8304 Datasheet HTML 3Page - Sanyo Semicon Device ECH8304 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8304
No.8255-2/4
前ページより続く。
項目
記号
条件
定格値
unit
min
typ
max
総ゲート電荷量
Qg
VDS=− 6V, VGS=− 4.5V, ID=− 9.5A
33
nC
ゲート・ソース電荷量
Qgs
VDS=− 6V, VGS=− 4.5V, ID=− 9.5A
5.3
nC
ゲート・ドレイン電荷量
Qgd
VDS=− 6V, VGS=− 4.5V, ID=− 9.5A
9.4
nC
ダイオード順電圧
VSD
IS=− 9.5A, VGS=0
− 0.82
− 1.2
V
外形図
電気的接続図
unit : mm
2222A
スイッチングタイム測定回路図
PW=10µs
D.C.
≦1%
P.G
50Ω
G
S
D
ID= --4.5A
RL=1.3Ω
VDD= --6V
VOUT
ECH8304
VIN
0V
--4.5V
VIN
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : ECH8
1
4
85
0.15
0.65
2.9
0.3
87
6
5
12
3
4
Top view
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com