Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8304 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8304
Description  ECH8304
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8304 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8304 Datasheet HTML 1Page - Sanyo Semicon Device ECH8304 Datasheet HTML 2Page - Sanyo Semicon Device ECH8304 Datasheet HTML 3Page - Sanyo Semicon Device ECH8304 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8304
No.8255-3/4
--60
--40
--20
0
20
40
60
80
100
120
140
160
0--1
--2
--3
--4
--5
--6
--7
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT09371
60
50
40
30
20
10
0
周囲温度, Ta -- °C
RDS(on) -- Ta
IT09372
50
40
30
20
10
0
--0.1
--1.0
--10
23
5
5
77
3
2
3
2
100
1000
7
10
7
5
3
2
5
ドレイン電流, ID -- A
SW Time -- ID
IT09375
Ciss, Coss, Crss -- VDS
ドレイン電流, ID -- A
IT09373
--0.01
--0.1
--10
23
5 7
2
--1.0
35 7
2
35 7
10
1.0
0.1
7
7
7
5
3
2
5
3
2
5
3
2
yfs -- ID
IT09374
--0.3
--0.4
--0.5
--0.6
--0.7
--1.0
--0.8
--0.9
0--2
--4
--6
--8
--10
--12
--0.01
--0.1
--10
7
5
3
2
5
7
2
7
5
3
2
--1.0
7
5
3
2
7
5
3
ダイオード順電圧, VSD -- V
IF -- VSD
ドレイン・ソース電圧, VDS -- V
IT09376
1000
Ta=25°C
ID= --1.0A
--2.0A
ID= --4.5A,
VGS= --4.5V
VDS= --6V
Ta=
--40
°C
75
°C
25
°C
VGS=0
VDD= --6V
VGS= --4.5V
td(off)
td(on)
tr
tf
Ciss
Coss
Crss
f=1MHz
--4.5A
ID= --
2.0A, VGS
= --2.5V
ID= -
-1.0A,
VGS
= --1.8
V
--1
--4
--7
--2
--5
--8
--3
--6
--9
--10
0
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
0
--1.0
--0.7
--0.8
--0.9
--0.5
--0.1
--0.2
--0.3
--0.4
--0.6
ドレイン・ソース電圧, VDS -- V
ID -- VDS
IT09369
0--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
ゲート・ソース電圧, VGS -- V
ID -- VGS
IT09370
VGS= --1.0V
VDS= --6V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com