Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2231 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2231
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2231 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2231 Datasheet HTML 17Page - SMSC Corporation USB2231 Datasheet HTML 18Page - SMSC Corporation USB2231 Datasheet HTML 19Page - SMSC Corporation USB2231 Datasheet HTML 20Page - SMSC Corporation USB2231 Datasheet HTML 21Page - SMSC Corporation USB2231 Datasheet HTML 22Page - SMSC Corporation USB2231 Datasheet HTML 23Page - SMSC Corporation USB2231 Datasheet HTML 24Page - SMSC Corporation USB2231 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
SMSC USB2231/USB2232
21
Revision 1.3 (07-12-05)
DATASHEET
Chapter 7 DC Parameters
7.1
Maximum Guaranteed Ratings
Operating Temperature Range ............................................................................................0oC to +70oC
Storage Temperature Range............................................................................................. -55o to +150oC
Lead Temperature Range (soldering, 10 seconds) ...................................................................... +325oC
Positive Voltage on GPIO3, with respect to Ground......................................................................... 5.5V
Positive Voltage on any signal pin, with respect to Ground ............................................................. 4.6V
Positive Voltage on XTAL1, with respect to Ground ......................................................................... 4.0V
Positive Voltage on XTAL2, with respect to Ground ......................................................................... 2.5V
Negative Voltage on GPIO8, 10 & 11, with respect to Ground (see Note 7.2)............................... -0.5V
Negative Voltage on any pin, with respect to Ground ..................................................................... -0.5V
Maximum VDD18, VDD18PLL .............................................................................................................. +2.5V
Maximum VDD33, VDDA33 ................................................................................................................. +4.6V
*Stresses above the specified parameters could cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note 7.1
When powering this device from laboratory or system power supplies, it is important that
the Absolute Maximum Ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage transients on the AC power line may appear on the DC output. When
this possibility exists, it is suggested that a clamp circuit be used.
Note 7.2
When internal power FET operation of these pins is enabled, these pins may be
simultaneously shorted to ground or any voltage up to 3.63V indefinitely, without damage
to the device as long as VDD33 and VDDA33 are less than 3.63V and TA is less than 70°C.
7.2
DC Electrical Characteristics
(TA = 0°C - 70°C, VDD33, VDDA33 = +3.3 V ± 0.3 V, VDD18, VDD18PLL = +1.8 V ± 10%,)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I,IPU & IPD Type Input Buffer
Low Input Level
High Input Level
Pull Down
Pull Up
VILI
VIHI
PD
PU
2.0
72
58
0.8
V
V
µA
µA
TTL Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com