Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2231 Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB2231
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2231 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB2231 Datasheet HTML 18Page - SMSC Corporation USB2231 Datasheet HTML 19Page - SMSC Corporation USB2231 Datasheet HTML 20Page - SMSC Corporation USB2231 Datasheet HTML 21Page - SMSC Corporation USB2231 Datasheet HTML 22Page - SMSC Corporation USB2231 Datasheet HTML 23Page - SMSC Corporation USB2231 Datasheet HTML 24Page - SMSC Corporation USB2231 Datasheet HTML 25Page - SMSC Corporation USB2231 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
Revision 1.3 (07-12-05)
22
SMSC USB2231/USB2232
DATASHEET
IS Type Input Buffer
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYSI
2.0
500
0.8
V
V
mV
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
mA
VIN = 0
VIN = VDD33
O8. O8PU & 08PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
µA
µA
IOL = 8 mA @
VDD33= 3.3V
IOH = -8mA @
VDD33= 3.3V
VIN = 0 to VDD33
(Note 7.3)
I/O8, I/O8PU & I/O8PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
– 0.4
-10
72
58
0.4
+10
V
V
µA
µA
µA
IOL = 8 mA @
VDD33= 3.3V
IOH = -8 mA @
VDD33= 3.3V
VIN = 0 to VDD33
(Note 7.3)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com