Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2231 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2231
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2231 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2231 Datasheet HTML 5Page - SMSC Corporation USB2231 Datasheet HTML 6Page - SMSC Corporation USB2231 Datasheet HTML 7Page - SMSC Corporation USB2231 Datasheet HTML 8Page - SMSC Corporation USB2231 Datasheet HTML 9Page - SMSC Corporation USB2231 Datasheet HTML 10Page - SMSC Corporation USB2231 Datasheet HTML 11Page - SMSC Corporation USB2231 Datasheet HTML 12Page - SMSC Corporation USB2231 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
SMSC USB2231/USB2232
9
Revision 1.3 (07-12-05)
DATASHEET
3.2
128-Pin List Table
MEMORY/IO INTERFACE (27 Pins)
MA0/CLK_SEL0
MA1/CLK_SEL1
MA2/SEL_CLKDRV
MA3/TX_POL
MA4
MA5
MA6
MA7
MA8
MA9
MA10
MA11
MA12
MA13
MA14
MA15
MD0
MD1
MD2
MD3
MD4
MD5
MD6
MD7
nMRD
nMWR
nMCE
MISC (15 Pins)
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6/ROMEN/MA16
GPIO7
GPIO8/
CRD_PWR0
GPIO9
GPIO10/
CRD_PWR1
GPIO11/
CRD_PWR2
GPIO12
nTEST0
nTEST1
nRESET
CIR (1 PIN)
IR_RXD
DIGITAL, POWER, GROUND & NC (16 Pins)
(5)VDD33
(2)VDD18
(7)VSS
(2)NC
Total 128
Table 3.2 USB2231/USB2232 128-Pin TQFP
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
1
MA13
8
33
CF_D1
8
65
SM_D0
8
97
VSS
-
2
MA14
8
34
CF_D2
8
66
SM_D1
8
98
RBIAS
-
3
VDD33
-
35
CF_D3
8
67
SM_D2
8
99
ATEST
-
4
MA15
8
36
CF_D4
8
68
SM_D3
8
100
VDD33
-
5
MD0
8
37
CF_D5
8
69
SM_D4
8
101
VDD18PLL
-
6
MD1
8
38
CF_D6
8
70
SM_D5
8
102
XTAL1/
CLKIN
-
7
MD2
8
39
CF_D7
8
71
SM_D6
8
103
XTAL2
-
8
MD3
8
40
CF_D8
8
72
SM_D7
8
104
VSSPLL
-
Table 3.1 USB2231/USB2232 128-Pin Package (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com