Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2231 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB2231
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2231 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB2231 Datasheet HTML 18Page - SMSC Corporation USB2231 Datasheet HTML 19Page - SMSC Corporation USB2231 Datasheet HTML 20Page - SMSC Corporation USB2231 Datasheet HTML 21Page - SMSC Corporation USB2231 Datasheet HTML 22Page - SMSC Corporation USB2231 Datasheet HTML 23Page - SMSC Corporation USB2231 Datasheet HTML 24Page - SMSC Corporation USB2231 Datasheet HTML 25Page - SMSC Corporation USB2231 Datasheet HTML 26Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
SMSC USB2231/USB2232
23
Revision 1.3 (07-12-05)
DATASHEET
Note 7.3
Output leakage is measured with the current pins in high impedance.
Note 7.4
See Appendix A for USB DC electrical characteristics.
Note 7.5
The Maximum power dissipation parameters of the package should not be exceeded
IO-U
(Note 7.4)
Integrated Power FET for
GPIO8 & GPIO10
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
100
140
2.1
800
mA
mA
Ω
µs
GPIO8 or 10;
VdropFET = 0.23V
GPIO8 or 10;
VoutFET = 0V
GPIO8 or 10;
IFET = 70mA
GPIO8 or 10;
CLOAD = 10µF
Integrated Power FET for
GPIO11)
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
Ω
µs
GPIO11;
VdropFET = 0.46V
GPIO11;
VoutFET = 0V
GPIO11;
IFET = 70mA
GPIO11;
CLOAD = 10µF
Supply Current Unconfigured
ICCINIT
45
10
60
20
mA
mA
@ VDD18, VDD18PLL =
1.8V
@ VDD33, VDDA33 =
3.3V
Supply Current Active
(Full Speed)
ICC
35
15
60
30
mA
mA
@ VDD18, VDD18PLL =
1.8V
@ VDD33, VDDA33 =
3.3V
Supply Current Active
(High Speed)
ICC
45
15
70
30
mA
mA
@ VDD18, VDD18PLL =
1.8V
@ VDD33, VDDA33 =
3.3V
Supply Current Standby
ICSBY
160
215
180
240
µA
µA
@ VDD18, VDD18PLL =
1.8V
@ VDD33, VDDA33 =
3.3V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com