Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8564A
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8564A Datasheet HTML 1Page - NXP Semiconductors PCF8564A Datasheet HTML 2Page - NXP Semiconductors PCF8564A Datasheet HTML 3Page - NXP Semiconductors PCF8564A Datasheet HTML 4Page - NXP Semiconductors PCF8564A Datasheet HTML 5Page - NXP Semiconductors PCF8564A Datasheet HTML 6Page - NXP Semiconductors PCF8564A Datasheet HTML 7Page - NXP Semiconductors PCF8564A Datasheet HTML 8Page - NXP Semiconductors PCF8564A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
3 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
7.
Pinning information
7.1 Pinning
7.2 Pin description
[1]
NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same Power
Supply.
For mechanical details, see Figure 30.
Fig 2.
Pin configuration for TSSOP8 (PCA85063ATT)
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
PCA85063ATT
OSCI
1
input
oscillator input
OSCO
2
output
oscillator output
INT[1]
3
output
interrupt output (open-drain)
VSS
4
supply
ground supply voltage
SDA[1]
5
input/output
serial data line
SCL[1]
6
input
serial clock input
CLKOUT
7
output
clock output (push-pull)
VDD
8
supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com