Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8564A
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8564A Datasheet HTML 2Page - NXP Semiconductors PCF8564A Datasheet HTML 3Page - NXP Semiconductors PCF8564A Datasheet HTML 4Page - NXP Semiconductors PCF8564A Datasheet HTML 5Page - NXP Semiconductors PCF8564A Datasheet HTML 6Page - NXP Semiconductors PCF8564A Datasheet HTML 7Page - NXP Semiconductors PCF8564A Datasheet HTML 8Page - NXP Semiconductors PCF8564A Datasheet HTML 9Page - NXP Semiconductors PCF8564A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
6 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2 Control registers
To ensure that all control registers will be set to their default values, the VDD level must be
at zero volts at initial power-up. If this is not possible, a reset must be initiated with the
software reset command when power is stable. Refer to Section 8.2.1.3 for details.
8.2.1 Register Control_1
[1]
Default value.
[2]
For a software reset, 01011000 (58h) must be sent to register Control_1 (see Section 8.2.1.3).
Table 6.
Control_1 - control and status register 1 (address 00h) bit description
Bit
Symbol
Value
Description
Reference
7
EXT_TEST
external clock test mode
Section 8.2.1.1
0[1]
normal mode
1
external clock test mode
6
-
0
unused
-
5STOP
STOP bit
Section 8.2.1.2
0[1]
RTC clock runs
1
RTC clock is stopped; all RTC divider chain
flip-flops are asynchronously set logic 0
4SR
software reset
Section 8.2.1.3
0[1]
no software reset
1
initiate software reset[2]; this bit always
returns a 0 when read
3
-
0
unused
-
2CIE
correction interrupt enable
Section 8.2.3
0[1]
no correction interrupt generated
1
interrupt pulses are generated at every
correction cycle
1
12_24
12 or 24-hour mode
Section 8.3.3
Section 8.5.3
0[1]
24-hour mode is selected
1
12-hour mode is selected
0
CAP_SEL
internal oscillator capacitor selection for
quartz crystals with a corresponding load
capacitance
-
0[1]
7 pF
1
12.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com